Electronic Components Datasheet Search
  English  ▼

X  

AD7656YSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7656YSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656YSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7656YSTZ Datasheet HTML 2Page - Analog Devices AD7656YSTZ Datasheet HTML 3Page - Analog Devices AD7656YSTZ Datasheet HTML 4Page - Analog Devices AD7656YSTZ Datasheet HTML 5Page - Analog Devices AD7656YSTZ Datasheet HTML 6Page - Analog Devices AD7656YSTZ Datasheet HTML 7Page - Analog Devices AD7656YSTZ Datasheet HTML 8Page - Analog Devices AD7656YSTZ Datasheet HTML 9Page - Analog Devices AD7656YSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7656/AD7657/AD7658
Data Sheet
Rev. D | Page 6 of 32
Parameter
B Version1
Y Version1
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage (VOH)
VDRIVE − 0.2
VDRIVE − 0.2
V min
ISOURCE = 200 µA
Output Low Voltage (VOL)
0.2
0.2
V max
ISINK = 200 µA
Floating-State Leakage Current
±1
±1
µA max
Floating-State Output Capacitance3
10
10
pF max
Output Coding
Twos complement
CONVERSION RATE
Conversion Time
3.1
3.1
µs max
Track-and-Hold Acquisition Time2, 3
550
550
ns max
Throughput Rate
250
250
kSPS
Parallel interface mode only
POWER REQUIREMENTS
VDD
5/15
5/15
V nom min/max
For 4 × VREF range, VDD = 10 V to 16.5 V
VSS
−5/−15
−5/−15
V nom min/max
For 4 × VREF range, VDD = −10 V to −16.5 V
AVCC
5
5
V nom
DVCC
5
5
V nom
VDRIVE
3/5
3/5
V nom min/max
ITOTAL
Digital I/PS = 0 V or VDRIVE
Normal Mode (Static)
28
28
mA max
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
(Includes IAVCC, IVDD, IVSS, IVDRIVE, IDVCC)
VSS = −16.5 V
Normal Mode (Operational)
26
26
mA max
fSAMPLE = 250 kSPS, AVCC = DVCC = VDRIVE = 5.25 V,
(Includes IAVCC, IVDD, IVSS, IVDRIVE, IDVCC)
VDD = 16.5 V, VSS = −16.5 V
ISS (Operational)
0.25
0.25
mA max
VSS = −16.5 V, fSAMPLE = 250 kSPS
IDD (Operational)
0.25
0.25
mA max
VDD = 16.5 V, fSAMPLE = 250 kSPS
Partial Power-Down Mode
7
7
mA max
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
VSS = −16.5 V
Full Power-Down Mode (STBY Pin)
80
80
µA max
SCLK on or off, AVCC = DVCC = VDRIVE = 5.25 V,
VDD = 16.5 V, VSS = −16.5 V
Power Dissipation
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
VSS = −16.5 V
Normal Mode (Static)
143
143
mW max
Normal Mode (Operational)
140
140
mW max
fSAMPLE = 250 kSPS
Partial Power-Down Mode
35
35
mW max
Full Power-Down Mode (STBY Pin)
100
100
µW max
1
Temperature ranges are as follows: B version is −40°C to +85°C and Y version is −40°C to +125°C.
2
See the Terminology section.
3
Sample tested during initial release to ensure compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com