Electronic Components Datasheet Search
  English  ▼

X  

AD7656YSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD7656YSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656YSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7656YSTZ Datasheet HTML 24Page - Analog Devices AD7656YSTZ Datasheet HTML 25Page - Analog Devices AD7656YSTZ Datasheet HTML 26Page - Analog Devices AD7656YSTZ Datasheet HTML 27Page - Analog Devices AD7656YSTZ Datasheet HTML 28Page - Analog Devices AD7656YSTZ Datasheet HTML 29Page - Analog Devices AD7656YSTZ Datasheet HTML 30Page - Analog Devices AD7656YSTZ Datasheet HTML 31Page - Analog Devices AD7656YSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7656/AD7657/AD7658
Data Sheet
Rev. D | Page 30 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 37. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
AD7656BSTZ
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7656BSTZ-REEL
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7656YSTZ
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7656YSTZ-REEL
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7657BSTZ
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7657BSTZ-REEL
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7657YSTZ
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7657YSTZ-REEL
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7658BSTZ
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7658BSTZ-REEL
−40°C to +85°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7658YSTZ
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7658YSTZ-REEL
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
EVAL-AD7656CBZ
Evaluation Board
EVAL-AD7657CBZ
Evaluation Board
EVAL-AD7658CBZ
Evaluation Board
EVAL-CONTROL BRD2Z
Controller Board
1 Z = RoHS Compliant Part.
2 The EVAL-CONTROL BRD2Z is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To
order a complete evaluation kit, the particular ADC evaluation board, for example, EVAL-AD7656/AD7657/AD7658CBZ, the EVAL-CONTROL BRD2Z and a 12 V
transformer must be ordered. See the relevant evaluation board technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com