Electronic Components Datasheet Search
  English  ▼

X  

AD7656YSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7656YSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656YSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7656YSTZ Datasheet HTML 14Page - Analog Devices AD7656YSTZ Datasheet HTML 15Page - Analog Devices AD7656YSTZ Datasheet HTML 16Page - Analog Devices AD7656YSTZ Datasheet HTML 17Page - Analog Devices AD7656YSTZ Datasheet HTML 18Page - Analog Devices AD7656YSTZ Datasheet HTML 19Page - Analog Devices AD7656YSTZ Datasheet HTML 20Page - Analog Devices AD7656YSTZ Datasheet HTML 21Page - Analog Devices AD7656YSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7656/AD7657/AD7658
Data Sheet
Rev. D | Page 18 of 32
TERMINOLOGY
Integral Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of
the transfer function are zero scale, a ½ LSB below the first code
transition and full scale at ½ LSB above the last code transition.
Differential Nonlinearity
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Bipolar Zero Code Error
The deviation of the midscale transition (all 1s to all 0s) from
the ideal VIN voltage, that is, AGND − 1 LSB.
Bipolar Zero Code Error Matching
The difference in bipolar zero code error between any two input
channels.
Positive Full-Scale Error
The deviation of the last code transition (011…110) to (011…111)
from the ideal (+4 × VREF − 1 LSB, +2 × VREF − 1 LSB) after
adjusting for the bipolar zero code error.
Positive Full-Scale Error Matching
The difference in positive full-scale error between any two input
channels.
Negative Full-Scale Error
The deviation of the first code transition (10…000) to (10…001)
from the ideal (−4 × VREF + 1 LSB, −2 × VREF + 1 LSB) after
adjusting for the bipolar zero code error.
Negative Full-Scale Error Matching
The difference in negative full-scale error between any two
input channels.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of the conversion. The track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier to
reach its final value, within ±1 LSB, after the end of the conversion.
See the Track-and-Hold Section for more details.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (SINAD)
The measured ratio of signal-to-(noise + distortion) at the
output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2, excluding dc).
The ratio depends on the number of quantization levels in the
digitization process: the more levels, the smaller the quantization
noise. The theoretical signal-to-(noise + distortion) ratio for an
ideal N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, this is 98 dB for a 16-bit converter, 86.04 dB for a 14-bit
converter, and 74 dB for a 12-bit converter.
Total Harmonic Distortion (THD)
The ratio of the rms sum of the harmonics to the fundamental.
For the AD7656/AD7657/AD7658, it is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
)
dB
(
V
V
V
V
V
V
THD
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through sixth harmonics.
Peak Harmonic or Spurious Noise (SFDR)
The ratio of the rms value of the next largest component in the
ADC output spectrum (up to fS/2, excluding dc) to the rms value
of the fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is
determined by a noise peak.
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities create distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3. Intermodulation distortion terms are those for
which neither m nor n are equal to 0. For example, the second-
order terms include (fa + fb) and (fa − fb), and the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7656/AD7657/AD7658 are tested using the CCIF standard
in which two input frequencies near the top end of the input
bandwidth are used. In this case, the second-order terms are
usually distanced in frequency from the original sine waves,
and the third-order terms are usually at a frequency close to the
input frequencies. As a result, the second- and third-order terms
are specified separately. The calculation of the intermodulation
distortion is per the THD specification, where it is the ratio of
the rms sum of the individual distortion products to the rms
amplitude of the sum of the fundamentals expressed in decibels.
Power Supply Rejection (PSR)
Variations in power supply affect the full-scale transition but
not the converter’s linearity. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power supply voltage from the nominal value. See the Typical
Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com