Electronic Components Datasheet Search
  English  ▼

X  

LSM330DLCTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 23Page - STMicroelectronics LSM330DLCTR Datasheet HTML 24Page - STMicroelectronics LSM330DLCTR Datasheet HTML 25Page - STMicroelectronics LSM330DLCTR Datasheet HTML 26Page - STMicroelectronics LSM330DLCTR Datasheet HTML 27Page - STMicroelectronics LSM330DLCTR Datasheet HTML 28Page - STMicroelectronics LSM330DLCTR Datasheet HTML 29Page - STMicroelectronics LSM330DLCTR Datasheet HTML 30Page - STMicroelectronics LSM330DLCTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
LSM330DLC
Functionality
Doc ID 022162 Rev 2
27/66
Figure 10.
Trigger stream mode
4.4.6
Retrieve data from FIFO
FIFO data is read through OUT_X_L_G, OUT_X_H_G, OUT_Y_L_G, OUT_Y_H_G and
OUT_Z_L_G, OUT_Z_H_G. When the FIFO is in Stream, Trigger or FIFO mode, a read
operation to the OUT_X_L_G, OUT_X_H_G, OUT_Y_L_G, OUT_Y_H_G or OUT_Z_L_G,
OUT_Z_H_G registers provides the data stored in the FIFO. Each time data is read from the
FIFO, the oldest pitch, roll and yaw data are placed in the OUT_X_L_G, OUT_X_H_G,
OUT_Y_L_G, OUT_Y_H_G and OUT_Z_L_G, OUT_Z_H_G registers and both single read
and read_burst (X,Y & Z with autoincremental address) operations can be used. When data
included in OUT_Z_H_G is read, the system again starts to read information from addr
OUT_X_L _G.
4.5
Level-sensitive / Edge-sensitive data enable
The LSM330DLC allows external trigger level recognition through the enabling of the
EXTRen and LVLen bits in the CTRL_REG2_G register. Two different modes can be used:
Level-sensitive or Edge-sensitive trigger.
x0
yi
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Stream Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
AM07236v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com