Electronic Components Datasheet Search
  English  ▼

X  

STL7NM60N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL7NM60N
Description  Low input capacitance and gate charge, Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7NM60N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL7NM60N Datasheet HTML 2Page - STMicroelectronics STL7NM60N Datasheet HTML 3Page - STMicroelectronics STL7NM60N Datasheet HTML 4Page - STMicroelectronics STL7NM60N Datasheet HTML 5Page - STMicroelectronics STL7NM60N Datasheet HTML 6Page - STMicroelectronics STL7NM60N Datasheet HTML 7Page - STMicroelectronics STL7NM60N Datasheet HTML 8Page - STMicroelectronics STL7NM60N Datasheet HTML 9Page - STMicroelectronics STL7NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STL7NM60N
6/13
Doc ID 18348 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on resistance
ID
1
0.1
0.01
0.001
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
10
AM07211v1
ID
5
3
1
0
0
10
VDS(V)
20
(A)
40
7
8
5V
6V
VGS=10V
2
4
6
9
AM06477v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
1
3
5
7
9
10
VDS=20V
AM06478v1
VGS
6
4
2
0
0
4
Qg(nC)
(V)
12
8
6
8
10
VDD=480V
ID=5A
14
12
300
200
100
0
400
500
VDS
2
10
16
VDS
(V)
AM06479v1
RDS(on)
0.78
0.76
0.74
0
2
ID(A)
(Ohm)
1
3
0.80
0.82
VGS=10V
4
5
0.84
0.86
0.88
AM06480v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com