Electronic Components Datasheet Search
  English  ▼

X  

STL7NM60N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL7NM60N
Description  Low input capacitance and gate charge, Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7NM60N Datasheet(HTML) 3 Page - STMicroelectronics

  STL7NM60N Datasheet HTML 1Page - STMicroelectronics STL7NM60N Datasheet HTML 2Page - STMicroelectronics STL7NM60N Datasheet HTML 3Page - STMicroelectronics STL7NM60N Datasheet HTML 4Page - STMicroelectronics STL7NM60N Datasheet HTML 5Page - STMicroelectronics STL7NM60N Datasheet HTML 6Page - STMicroelectronics STL7NM60N Datasheet HTML 7Page - STMicroelectronics STL7NM60N Datasheet HTML 8Page - STMicroelectronics STL7NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STL7NM60N
Electrical ratings
Doc ID 18348 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
± 25
V
ID
(1)
1.
The value is rated according Rthj-case.
Drain current (continuous) at TC = 25 °C
5.8
A
ID
(1)
Drain current (continuous) at TC=100 °C
3.7
A
ID
(2)
2.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Drain current (continuous) at Tamb = 25 °C
1.4
A
ID
(2)
Drain current (continuous) at Tamb =100 °C
0.9
A
IDM
(2)(3)
Drain current (pulsed)
5.6
A
PTOT
(2)
Total dissipation at Tamb = 25 °C
4
W
PTOT
(1)
Total dissipation at TC = 25 °C
68
W
IAS
Avalanche current, repetitive or not-repetitive (3)
3.
Pulse width limited by Tjmax
2A
EAS
Single pulse avalanche energy (4)
4.
Starting Tj = 25 °C, ID= IAS, VDD = 50 V
119
mJ
dv/dt (5)
5.
ISD ≤ 5.8 A, dv/dt ≤ 400 A/µs,VDS peak ≤V(BR)DSS, VDD= 80% V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
TJ
Tstg
Operating junction temperature
storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
1.85
°C/W
Rthj-amb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec.
Thermal resistance junction-amb max.
31.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com