Electronic Components Datasheet Search
  English  ▼

X  

STL7NM60N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL7NM60N
Description  Low input capacitance and gate charge, Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7NM60N Datasheet(HTML) 4 Page - STMicroelectronics

  STL7NM60N Datasheet HTML 1Page - STMicroelectronics STL7NM60N Datasheet HTML 2Page - STMicroelectronics STL7NM60N Datasheet HTML 3Page - STMicroelectronics STL7NM60N Datasheet HTML 4Page - STMicroelectronics STL7NM60N Datasheet HTML 5Page - STMicroelectronics STL7NM60N Datasheet HTML 6Page - STMicroelectronics STL7NM60N Datasheet HTML 7Page - STMicroelectronics STL7NM60N Datasheet HTML 8Page - STMicroelectronics STL7NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STL7NM60N
4/13
Doc ID 18348 Rev 2
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 1 mA
600
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 600 V,
VDS = 600 V, Tc = 125 °C
1
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 25 V
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 2.5 A
0.805
0.90
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50V, f=1 MHz,
VGS=0
-
363
24.6
1.1
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Output equivalent
capacitance
VGS =0, VDS =0 to 480 V
-
130
-
pF
Rg
Gate input resistance
f=1 MHz gate DC bias=0
test signal level = 20 mV
open drain
-5.4
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 480 V, ID = 5 A
VGS =10 V
(see Figure 15)
-
14
2.7
2.7
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 300 V, ID = 2.5 A,
RG= 4.7 Ω, VGS = 10 V
(see Figure 14)
7
10
26
12
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com