Electronic Components Datasheet Search
  English  ▼

X  

M891 Datasheet(PDF) 11 Page - EPCOS

Part # M891
Description  NTC thermistors for temperature measurement
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M891 Datasheet(HTML) 11 Page - EPCOS

Back Button M891 Datasheet HTML 7Page - EPCOS M891 Datasheet HTML 8Page - EPCOS M891 Datasheet HTML 9Page - EPCOS M891 Datasheet HTML 10Page - EPCOS M891 Datasheet HTML 11Page - EPCOS M891 Datasheet HTML 12Page - EPCOS M891 Datasheet HTML 13Page - EPCOS M891 Datasheet HTML 14Page - EPCOS M891 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
3) Chip thickness depends on the resistance value.
1.3
Reel packing
Packing survey
Case
size
Chip
thick-
ness3)
8-mm tape
Reel dimensions
Packing units
mm
mm
pcs./reel
Blister Card-
board
A
Tol.
W1
Tol.
W2
180-mm
reel
330-mm
reel
0402
0.5
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
10000
0603
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
330
±2.0
12.4
+1.5/ 0
18.4 max.
16000
0805
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
16000
1.2
x
330
±2.0
12.4
+1.5/ 0
18.4 max.
3000
12000
1206
0.8
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
4000
1.2
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
2000
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 11 of 28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com