Electronic Components Datasheet Search
  English  ▼

X  

M891 Datasheet(PDF) 12 Page - EPCOS

Part # M891
Description  NTC thermistors for temperature measurement
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M891 Datasheet(HTML) 12 Page - EPCOS

Back Button M891 Datasheet HTML 8Page - EPCOS M891 Datasheet HTML 9Page - EPCOS M891 Datasheet HTML 10Page - EPCOS M891 Datasheet HTML 11Page - EPCOS M891 Datasheet HTML 12Page - EPCOS M891 Datasheet HTML 13Page - EPCOS M891 Datasheet HTML 14Page - EPCOS M891 Datasheet HTML 15Page - EPCOS M891 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
3
Taping of radial leaded NTC thermistors
Dimensions and tolerances
Lead spacing F = 2.5 mm and 5.0 mm (taping to IEC 60286-2)
Dimensions (mm)
Lead
spacing
2.5 mm
Lead
spacing
5 mm
Tolerance of
lead spacing
2.5/5 mm
Remarks
w
11.0
11.5
max.
th
5.0
6.0
max.
d
0.5/0.6
0.5/0.6
±0.05
P0
12.7
12.7
±0.3
±1 mm / 20 sprocket holes
P1
5.1
3.85
±0.7
F
2.5
5.0
+0.6/ 0.1
∆h
0
0
±2.0
measured at top of component body
∆p
0
0
±1.3
W
18.0
18.0
±0.5
W0
5.5
5.5
min.
peel-off force
≥5 N
W1
9.0
9.0
+0.75/ 0.5
W2
3.0
3.0
max.
H
18.0
18.0
+2.0/ 0
H0
16.0
16.0
±0.5
H1
32.2
32.2
max.
D0
4.0
4.0
±0.2
t
0.9
0.9
max.
without wires
L
11.0
11.0
max.
L1
4.0
4.0
max.
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 12 of 28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com