Electronic Components Datasheet Search
  English  ▼

X  

S875 Datasheet(PDF) 11 Page - EPCOS

Part # S875
Description  NTC thermistors for temperature measurement
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S875 Datasheet(HTML) 11 Page - EPCOS

Back Button S875 Datasheet HTML 7Page - EPCOS S875 Datasheet HTML 8Page - EPCOS S875 Datasheet HTML 9Page - EPCOS S875 Datasheet HTML 10Page - EPCOS S875 Datasheet HTML 11Page - EPCOS S875 Datasheet HTML 12Page - EPCOS S875 Datasheet HTML 13Page - EPCOS S875 Datasheet HTML 14Page - EPCOS S875 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
3
Taping of radial leaded NTC thermistors
Dimensions and tolerances
Lead spacing F = 2.5 mm and 5.0 mm (taping to IEC 60286-2)
Dimensions (mm)
Lead
spacing
2.5 mm
Lead
spacing
5 mm
Tolerance of
lead spacing
2.5/5 mm
Remarks
w
11.0
11.5
max.
th
5.0
6.0
max.
d
0.5/0.6
0.5/0.6
±0.05
P0
12.7
12.7
±0.3
±1 mm / 20 sprocket holes
P1
5.1
3.85
±0.7
F
2.5
5.0
+0.6/ 0.1
∆h
0
0
±2.0
measured at top of component body
∆p
0
0
±1.3
W
18.0
18.0
±0.5
W0
5.5
5.5
min.
peel-off force
≥5 N
W1
9.0
9.0
+0.75/ 0.5
W2
3.0
3.0
max.
H
18.0
18.0
+2.0/ 0
H0
16.0
16.0
±0.5
H1
32.2
32.2
max.
D0
4.0
4.0
±0.2
t
0.9
0.9
max.
without wires
L
11.0
11.0
max.
L1
4.0
4.0
max.
Temperature measurement
B57875S
Leaded NTC thermistors, lead spacing 5 mm
S875
Page 11 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com