Electronic Components Datasheet Search
  English  ▼

X  

S875 Datasheet(PDF) 2 Page - EPCOS

Part # S875
Description  NTC thermistors for temperature measurement
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S875 Datasheet(HTML) 2 Page - EPCOS

  S875 Datasheet HTML 1Page - EPCOS S875 Datasheet HTML 2Page - EPCOS S875 Datasheet HTML 3Page - EPCOS S875 Datasheet HTML 4Page - EPCOS S875 Datasheet HTML 5Page - EPCOS S875 Datasheet HTML 6Page - EPCOS S875 Datasheet HTML 7Page - EPCOS S875 Datasheet HTML 8Page - EPCOS S875 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Applications
Temperature measurement
Features
High measuring accuracy
Cost-effective
Rugged design, epoxy resin encapsulation
Tinned copper leads
Lead spacing 5 mm
Options
Flexible coating of head and wires available
on request
Delivery mode
Bulk (standard), cardboard tape, reeled or in
Ammo pack on request
Dimensional drawing
Dimensions in mm
Approx. weight 120 mg
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 3.8
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 7.5
s
Heat capacity
Cth
approx. 28.5
mJ/K
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
H =
±3%
J =
±5%
2.1 k
1008
3560
±1%
B57875S0212+000
10 k
8016
3988
±1%
B57875S0103+001
10 k
2908
3460
±1%
B57875S0103+002
12 k
2901
3760
±1%
B57875S0123+000
30 k
8018
3964
±1%
B57875S0303+000
Temperature measurement
B57875S
Leaded NTC thermistors, lead spacing 5 mm
S875
Page 2 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com