Electronic Components Datasheet Search
  English  ▼

X  

S875 Datasheet(PDF) 16 Page - EPCOS

Part # S875
Description  NTC thermistors for temperature measurement
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S875 Datasheet(HTML) 16 Page - EPCOS

Back Button S875 Datasheet HTML 12Page - EPCOS S875 Datasheet HTML 13Page - EPCOS S875 Datasheet HTML 14Page - EPCOS S875 Datasheet HTML 15Page - EPCOS S875 Datasheet HTML 16Page - EPCOS S875 Datasheet HTML 17Page - EPCOS S875 Datasheet HTML 18Page - EPCOS S875 Datasheet HTML 19Page - EPCOS S875 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
1.3.1
Solderability (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Wetting of soldering areas
≥95%.
Solder
Bath temperature (
°C)
Dwell time (s)
SnPb 60/40
215
±3
3
±0.3
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
245
±3
3
±0.3
1.3.2
Resistance to soldering heat (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Leaching of side edges
≤1/3.
Solder
Bath temperature (
°C)
Dwell time (s)
SnPb 60/40
260
±5
10
±1
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
260
±5
10
±1
Temperature measurement
B57875S
Leaded NTC thermistors, lead spacing 5 mm
S875
Page 16 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com