Electronic Components Datasheet Search
  English  ▼

X  

SMP100MC Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMP100MC
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMP100MC_05 Datasheet HTML 3Page - STMicroelectronics SMP100MC_05 Datasheet HTML 4Page - STMicroelectronics SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics SMP100MC_05 Datasheet HTML 10Page - STMicroelectronics SMP100MC_05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SMP100MC
Application information
Doc ID 9699 Rev 5
7/13
Figure 11.
Typical circuits
Figure 12.
Test method of the board having fuse and Trisil
These topologies, using SMP100MC from ST and TCP1.25 A from Cooper Bussmann, have
been functionally validated with a Trisil glued on the PCB. Following example was performed
with SMP100MC-270 Trisil. For more information, see Application Note AN2064.
Figure 13.
Trisil turns on during lightning surge
Test conditions:
2/10 µs + and -2.5 and 5 kV 500 A (10 pulses of each polarity), Tamb = 25 °C
Test result:
Fuse and Trisil OK after test in accordance with GR1089 requirements.
Fuse TCP 1.25A
T1
T2
SMP100MC-xxx
Fuse TCP 1.25A
Tip S
Gnd
SMP100MC-xxx
Ring S
SMP100MC-xxx
Fuse TCP 1.25A
Tip L
Gnd
Ring L
Typical circuit for subscriber side
Typical circuit for central office side
Surge
Generator
Device to be protected
V
Oscilloscope
I surge
Line side
Voltage probe
Current probe
Test board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com