Electronic Components Datasheet Search
  English  ▼

X  

SMP100MC Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMP100MC
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics SMP100MC_05 Datasheet HTML 10Page - STMicroelectronics SMP100MC_05 Datasheet HTML 11Page - STMicroelectronics SMP100MC_05 Datasheet HTML 12Page - STMicroelectronics SMP100MC_05 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ordering information scheme
SMP100MC
10/13
Doc ID 9699 Rev 5
Figure 18.
Test circuit 3 for dynamic IH parameter
3
Ordering information scheme
Figure 19.
Ordering information scheme
TEST PROCEDURE
1/ Adjust the current level at the I value by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T. with a surge current
H
➔ I= 10 A, 10/1000 µs.
3/ The D.U.T. will come back off-state within 50 ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H
R
V
BAT = - 48 V
Surge generator
D.U.T
SMP
100
MC - xxx
Trisil surface mount
Repetitive peak pulse current
Capacitance
Voltage
100 = 100A
MC = Micro capacitance
270 = 270V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com