Electronic Components Datasheet Search
  English  ▼

X  

SMP100MC Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP100MC
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 5 Page - STMicroelectronics

  SMP100MC_05 Datasheet HTML 1Page - STMicroelectronics SMP100MC_05 Datasheet HTML 2Page - STMicroelectronics SMP100MC_05 Datasheet HTML 3Page - STMicroelectronics SMP100MC_05 Datasheet HTML 4Page - STMicroelectronics SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SMP100MC
Characteristics
Doc ID 9699 Rev 5
5/13
Figure 2.
Pulse waveform
Figure 3.
Non repetitive surge peak on-state
current versus overload duration
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
0
10
20
30
40
50
60
70
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
I
(A)
TSM
t(s)
F=50Hz
Tj initial = 25°C
Figure 4.
On-state voltage versus on-state
current (typical values)
Figure 5.
Relative variation of holding
current versus junction
temperature
10
100
01
2345
678
V (V)
T
I (A)
T
Tj=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Tj(°C)
I [Tj] / I [Tj=25°C]
HH
Figure 6.
Relative variation of breakover
voltage versus junction
temperature
Figure 7.
Relative variation of leakage
current versus reverse voltage
applied (typical values)
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Tj(°C)
V
[Tj] / V
[Tj=25°C]
BO
BO
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
I [Tj] / I [Tj=25°C]
RR
Tj(°C)
V =243V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com