Electronic Components Datasheet Search
  English  ▼

X  

BMR4570007/014 Datasheet(PDF) 13 Page - Ericsson

Part # BMR4570007/014
Description  2012-07-27 Zhou 2012-08-24 Fully regulated Advanced Bus Converters Input 36-75 V, Output up to 25 A / 300 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

BMR4570007/014 Datasheet(HTML) 13 Page - Ericsson

Back Button BMR4570007/014 Datasheet HTML 9Page - Ericsson BMR4570007/014 Datasheet HTML 10Page - Ericsson BMR4570007/014 Datasheet HTML 11Page - Ericsson BMR4570007/014 Datasheet HTML 12Page - Ericsson BMR4570007/014 Datasheet HTML 13Page - Ericsson BMR4570007/014 Datasheet HTML 14Page - Ericsson BMR4570007/014 Datasheet HTML 15Page - Ericsson BMR4570007/014 Datasheet HTML 16Page - Ericsson BMR4570007/014 Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
9 (17)
Prepared (also subject responsible if other)
No.
SECSUND
2/1301-BMR 457 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
EZHIXZH
2012-08-24
C
L
Typical Characteristics
12 V, 25 A, 300 W
BMR 457 0000/002
Start-up
Shut-down
Start-up enabled by connecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Top trace: output voltage (5 V/div).
Bottom trace: input voltage (50 V/div).
Time scale: (10 mS/div)
Shut-down enabled by disconnecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Top trace: output voltage (5 V/div).
Bottom trace: input voltage (20 V/div).
Time scale: (1 mS/div).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Trace: output voltage (20 mV/div).
Time scale: (2 uS/div).
Output voltage response to load current step-
change (6.25-18.75 -6.25 A) at:
TP1 =+25°C, VI = 53 V.
Top trace: Output voltage (500 mV/div).
Bottom trace: load current (10 A/div).
Time scale: (0.5 mS/div)
Input Voltage Transient Response
Output voltage response to input voltage
transient at:
TP1 = +25°C, VI = 40-60 V,
IO = 25 A resistive load, CO = 3.3 mF
Top trace: output voltage (2 V/div.).
Bottom trace: input voltage (20 V/div.).
Time scale: (0.5 ms/div.).
E
BMR457 series Fully regulated Advanced Bus Converters
Input 36-75 V, Output up to 25 A / 300 W
1/28701-FGC 101 1835 revC August 2012
© Ericsson AB
Technical Specification 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com