Electronic Components Datasheet Search
  English  ▼

X  

BMR4570007/014 Datasheet(PDF) 2 Page - Ericsson

Part # BMR4570007/014
Description  2012-07-27 Zhou 2012-08-24 Fully regulated Advanced Bus Converters Input 36-75 V, Output up to 25 A / 300 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

BMR4570007/014 Datasheet(HTML) 2 Page - Ericsson

  BMR4570007/014 Datasheet HTML 1Page - Ericsson BMR4570007/014 Datasheet HTML 2Page - Ericsson BMR4570007/014 Datasheet HTML 3Page - Ericsson BMR4570007/014 Datasheet HTML 4Page - Ericsson BMR4570007/014 Datasheet HTML 5Page - Ericsson BMR4570007/014 Datasheet HTML 6Page - Ericsson BMR4570007/014 Datasheet HTML 7Page - Ericsson BMR4570007/014 Datasheet HTML 8Page - Ericsson BMR4570007/014 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
2 (5)
Prepared (also subject responsible if other)
No.
EZHIXZH
1/1301- BMR 457 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
2012-07-27
B
Ordering Information
Product program
Vin
Output
BMR4570004/001
36 – 75
12 V / 22 A, 264 W
BMR4570007/013
36 – 75
12 V / 22 A, 251 W
BMR4570007/014
36 – 75
12.45 V / 22 A, 261 W
BMR4570000/002
40 – 60
12 V / 25 A, 300 W
BMR4570011/016
40 - 60
12 V / 25 A, 285 W
BMR4570011/017
40 - 60
12.45 V / 25 A, 296 W
Product Number and Packaging
BMR457 n1n2n3n4 /n5n6n7
Options n1
n2
n3
n4
/
n5
n6
n7
Mechanical pin
option
x
/
Mechanical
option
x
/
Hardware option
x
x
/
Configuration file
/
x
x
x
Optional
designation
Description
n1
n2
n3 n4
n5 n6 n7
0 = Standard pin length 5.33 mm
1 = Surface mount option note 1
2 = Lead length 3.69 mm(0.145 in.) (cut)
3 = Lead length 4.57 mm(0.180 in.) (cut)
4 = Lead length 2.79 mm(0.110 in.) (cut)
0 = Open frame
1 = Baseplate
00 = 40-60 Vin, 6.9-13.2 Vout adjusted, with
digital interface
01 = 40-60 Vin, 6.9-13.2 Vout adjusted, without
digital interface
04 = 36-75 Vin, 6.9-13.2 Vout adjusted, with
digital interface
05 = 36-75 Vin, 6.9-13.2 Vout adjusted, without
digital interface
06 = 36-75 Vin, 6.9-13.2 Vout adjusted, Droop
load sharing function for parallel operation,
without digital interface
07 = 36-75 Vin, 6.9-13.2 Vout adjusted, Droop
load sharing function for parallel operation, with
digital interface
11 = 40-60 Vin, 6.9-13.2 Vout adjusted, Droop
load sharing function for parallel operation, with
digital interface
12 = 40-60 Vin, 6.9-13.2 Vout adjusted, Droop
load sharing function for parallel operation,
without digital interface
001 = 12 V Standard configuration for 36-75
Vin, n3n4 = 04 or 05
Packaging
002 = 12 V Standard configuration for 40-60
Vin, n3n4 = 00 or 01
008 = 12 V with positive RC logic configuration
for 36-75 Vin, n3n4 = 04 or 05
009 = 12 V with positive RC logic configuration
for 40-60 Vin, n3n4 = 00 or 01
013 = 12 V with 0.6 V droop load sharing
function configuration (36-75 Vin, n3n4 = 06 or
07)
014 = 12.45 V with 0.6V droop load sharing
function configuration (36-75 Vin, n3n4 = 06 or
07)
016 = 12 V with 0.6 V droop load sharing
function configuration (40-60 Vin, n3n4 = 11 or
12)
017 = 12.45 V with 0.6V droop load sharing
function configuration (40-60 Vin, n3n4 = 11 or
12)
xxx = Application Specific Configuration
25 converters(through hole pin)/tray, PE foam
dissipative
20 converters(surface mount pin)/tray,
Antistatic PPE
Example: Product number BMR4572004/001 equals an Through hole mount
lead length 3.69 mm (cut), open frame, digital interface with 12 V standard
configuration variant.
For application specific configurations contact your local Ericsson Power
Modules sales representative.
General Information
Reliability
The failure rate (λ) and mean time between failures
(MTBF= 1/λ) is calculated at max output power and an
operating ambient temperature (TA) of +40°C. Ericsson
Power Modules uses Telcordia SR-332 Issue 2 Method 1 to
calculate the mean steady-state failure rate and standard
deviation (σ).
Telcordia SR-332 Issue 2 also provides techniques to
estimate the upper confidence levels of failure rates based
on the mean and standard deviation.
Mean steady-state failure rate, λ
Std. deviation, σ
421 n Failures/h
60.9 nFailures/h
MTBF (mean value) for the BMR457 series = 2.91 Mh.
MTBF at 90% confidence level = 2.37 Mh
Compatibility with RoHS requirements
The products are compatible with the relevant clauses and
requirements of the RoHS directive 2011/65/EU and have a
maximum concentration value of 0.1% by weight in
homogeneous materials for lead, mercury, hexavalent
chromium, PBB and PBDE and of 0.01% by weight in
E
BMR457 series Fully regulated Advanced Bus Converters
Input 36-75 V, Output up to 25 A / 300 W
1/28701-FGC 101 1835 revC August 2012
© Ericsson AB
Technical Specification 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com