Electronic Components Datasheet Search
  English  ▼

X  

BMR4570007/014 Datasheet(PDF) 21 Page - Ericsson

Part # BMR4570007/014
Description  2012-07-27 Zhou 2012-08-24 Fully regulated Advanced Bus Converters Input 36-75 V, Output up to 25 A / 300 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

BMR4570007/014 Datasheet(HTML) 21 Page - Ericsson

Back Button BMR4570007/014 Datasheet HTML 17Page - Ericsson BMR4570007/014 Datasheet HTML 18Page - Ericsson BMR4570007/014 Datasheet HTML 19Page - Ericsson BMR4570007/014 Datasheet HTML 20Page - Ericsson BMR4570007/014 Datasheet HTML 21Page - Ericsson BMR4570007/014 Datasheet HTML 22Page - Ericsson BMR4570007/014 Datasheet HTML 23Page - Ericsson BMR4570007/014 Datasheet HTML 24Page - Ericsson BMR4570007/014 Datasheet HTML 25Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (7)
Prepared (also subject responsible if other)
No.
EMAOLII
30/1301-BMR 457 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
SECSUND
2012-07-27
B
EMC Specification
Conducted EMI measured according to EN55022, CISPR 22
and FCC part 15J (see test set-up). See Design Note 009 for
detailed information. The fundamental switching frequency is
180 kHz for BMR 457 at VI = 53 V, max IO.
Conducted EMI Input terminal value (typ)
EMI without filter
Optional external filter for class B
Suggested external input filter in order to meet class B in
EN 55022, CISPR 22 and FCC part 15J.
L1
C1
C2
C3
C4
C5
R
-
+
Module
+
-
0
0
L2
Filter components:
C1 = 1 µF
C2 = 1 µF + 220 µF
C3 = 1 µF + 220 µF
C4 = 2.2 nF
C5 = 2.2 nF
L1 = 0.81 mH
L2 = 0.81 mH
EMI with filter
Test set-up
Layout recommendations
The radiated EMI performance of the product will depend on
the PWB layout and ground layer design. It is also important
to consider the stand-off of the product. If a ground layer is
used, it should be connected to the output of the product and
the equipment ground or chassis.
A ground layer will increase the stray capacitance in the PWB
and improve the high frequency EMC performance.
Output ripple and noise
Output ripple and noise measured according to figure below.
See Design Note 022 for detailed information.
Output ripple and noise test setup
E
BMR457 series Fully regulated Advanced Bus Converters
Input 36-75 V, Output up to 25 A / 300 W
1/28701-FGC 101 1835 revC August 2012
© Ericsson AB
Technical Specification 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com