Electronic Components Datasheet Search
  English  ▼

X  

64GA108 Datasheet(PDF) 40 Page - Microchip Technology

Part # 64GA108
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA108 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 64GA108 Datasheet HTML 36Page - Microchip Technology 64GA108 Datasheet HTML 37Page - Microchip Technology 64GA108 Datasheet HTML 38Page - Microchip Technology 64GA108 Datasheet HTML 39Page - Microchip Technology 64GA108 Datasheet HTML 40Page - Microchip Technology 64GA108 Datasheet HTML 41Page - Microchip Technology 64GA108 Datasheet HTML 42Page - Microchip Technology 64GA108 Datasheet HTML 43Page - Microchip Technology 64GA108 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 330 page
background image
TABLE 4-4:
ICN REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CNPD1 0054 CN15PDE
CN14PDE
CN13PDE
CN12PDE
CN11PDE
CN10PDE
CN9PDE
CN8PDE
CN7PDE
CN6PDE
CN5PDE
CN4PDE
CN3PDE
CN2PDE
CN1PDE
CN0PDE
0000
CNPD2 0056 CN31PDE
CN30PDE
CN29PDE
CN28PDE
CN27PDE
CN26PDE
CN25PDE
CN24PDE
CN23PDE
CN22PDE CN21PDE(1) CN20PDE(1) CN19PDE(1) CN18PDE
CN17PDE
CN16PDE
0000
CNPD30058CN47PDE(1) CN46PDE(2) CN45PDE(1) CN44PDE(1) CN43PDE(1) CN42PDE(1) CN41PDE(1) CN40PDE(2) CN39PDE(2) CN38PDE(2) CN37PDE(2) CN36PDE(2) CN35PDE(2) CN34PDE(2) CN33PDE(2) CN32PDE
0000
CNPD4 005A CN63PDE
CN62PDE
CN61PDE
CN60PDE
CN59PDE
CN58PDE CN57PDE(1) CN56PDE
CN55PDE
CN54PDE
CN53PDE
CN52PDE
CN51PDE
CN50PDE
CN49PDE CN48PDE(2) 0000
CNPD5 005C CN79PDE(2) CN78PDE(1) CN77PDE(1) CN76PDE(2) CN75PDE(2) CN74PDE(1) CN73PDE(1) CN72PDE
CN71PDE
CN70PDE
CN69PDE
CN68PDE CN67PDE(1) CN66PDE(1) CN65PDE
CN64PDE
0000
CNPD6 005E
—
—
—
—
—
—
—
—
—
—
—
CN84PDE
CN83PDE CN82PDE(2) CN81PDE(2) CN80PDE(2) 0000
CNEN1 0060
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000
CNEN2 0062
CN31IE
CN30IE
CN29IE
CN28IE
CN27IE
CN26IE
CN25IE
CN24IE
CN23IE
CN22IE
CN21IE(1)
CN20IE(1)
CN19IE(1)
CN18IE
CN17IE
CN16IE
0000
CNEN3 0064 CN47IE(1)
CN46IE(2)
CN45IE(1)
CN44IE(1)
CN43IE(1)
CN42IE(1)
CN41IE(1)
CN40IE(2)
CN39IE(2)
CN38IE(2)
CN37IE(2)
CN36IE(2)
CN35IE(2)
CN34IE(2)
CN33IE(2)
CN32IE
0000
CNEN4 0066
CN63IE
CN62IE
CN61IE
CN60IE
CN59IE
CN58IE
CN57IE(1)
CN56IE
CN55IE
CN54IE
CN53IE
CN52IE
CN51IE
CN50IE
CN49IE
CN48IE(2)
0000
CNEN5 0068 CN79IE(2)
CN78IE(1)
CN77IE(1)
CN76IE(2)
CN75IE(2)
CN74IE(1)
CN73IE(1)
CN72IE
CN71IE
CN70IE
CN69IE
CN68IE
CN67IE(1)
CN66IE(1)
CN65IE
CN64IE
0000
CNEN6 006A
—
—
—
—
—
—
—
—
—
—
—
CN84IE
CN83IE
CN82IE(2)
CN81IE(2)
CN80IE(2)
0000
CNPU1 006C CN15PUE
CN14PUE
CN13PUE
CN12PUE
CN11PUE
CN10PUE
CN9PUE
CN8PUE
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000
CNPU2 006E CN31PUE
CN30PUE
CN29PUE
CN28PUE
CN27PUE
CN26PUE
CN25PUE
CN24PUE
CN23PUE
CN22PUE CN21PUE(1) CN20PUE(1) CN19PUE(1) CN18PUE
CN17PUE
CN16PUE
0000
CNPU30070CN47PUE(1) CN46PUE(2) CN45PUE(1) CN44PUE(1) CN43PUE(1) CN42PUE(1) CN41PUE(1) CN40PUE(2) CN39PUE(2) CN38PUE(2) CN37PUE(2) CN36PUE(2) CN35PUE(2) CN34PUE(2) CN33PUE(2) CN32PUE
0000
CNPU4 0072 CN63PUE
CN62PUE
CN61PUE
CN60PUE
CN59PUE
CN58PUE CN57PUE(1) CN56PUE
CN55PUE
CN54PUE
CN53PUE
CN52PUE
CN51PUE
CN50PUE
CN49PUE CN48PUE(2) 0000
CNPU50074CN79PUE(2) CN78PUE(1) CN77PUE(1) CN76PUE(2) CN75PUE(2) CN74PUE(1) CN73PUE(1) CN72PUE
CN71PUE
CN70PUE
CN69PUE
CN68PUE CN67PUE(1) CN66PUE(1) CN65PUE
CN64PUE
0000
CNPU6 0076
—
—
—
—
—
—
—
—
—
—
—
CN84PUE
CN83PUE CN82PUE(2) CN81PUE(2) CN80PUE(2) 0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Unimplemented in 64-pin devices; read as ‘0’.
2:
Unimplemented in 64-pin and 80-pin devices; read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com