Electronic Components Datasheet Search
  English  ▼

X  

64GA108 Datasheet(PDF) 73 Page - Microchip Technology

Part # 64GA108
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA108 Datasheet(HTML) 73 Page - Microchip Technology

Back Button 64GA108 Datasheet HTML 69Page - Microchip Technology 64GA108 Datasheet HTML 70Page - Microchip Technology 64GA108 Datasheet HTML 71Page - Microchip Technology 64GA108 Datasheet HTML 72Page - Microchip Technology 64GA108 Datasheet HTML 73Page - Microchip Technology 64GA108 Datasheet HTML 74Page - Microchip Technology 64GA108 Datasheet HTML 75Page - Microchip Technology 64GA108 Datasheet HTML 76Page - Microchip Technology 64GA108 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 73
PIC24FJ256GA110 FAMILY
TABLE 7-2:
IMPLEMENTED INTERRUPT VECTORS
Interrupt Source
Vector
Number
IVT Address
AIVT
Address
Interrupt Bit Locations
Flag
Enable
Priority
ADC1 Conversion Done
13
00002Eh
00012Eh
IFS0<13>
IEC0<13>
IPC3<6:4>
Comparator Event
18
000038h
000138h
IFS1<2>
IEC1<2>
IPC4<10:8>
CRC Generator
67
00009Ah
00019Ah
IFS4<3>
IEC4<3>
IPC16<14:12>
CTMU Event
77
0000AEh
0001AEh
IFS4<13>
IEC4<13>
IPC19<6:4>
External Interrupt 0
0
000014h
000114h
IFS0<0>
IEC0<0>
IPC0<2:0>
External Interrupt 1
20
00003Ch
00013Ch
IFS1<4>
IEC1<4>
IPC5<2:0>
External Interrupt 2
29
00004Eh
00014Eh
IFS1<13>
IEC1<13>
IPC7<6:4>
External Interrupt 3
53
00007Eh
00017Eh
IFS3<5>
IEC3<5>
IPC13<6:4>
External Interrupt 4
54
000080h
000180h
IFS3<6>
IEC3<6>
IPC13<10:8>
I2C1 Master Event
17
000036h
000136h
IFS1<1>
IEC1<1>
IPC4<6:4>
I2C1 Slave Event
16
000034h
000134h
IFS1<0>
IEC1<0>
IPC4<2:0>
I2C2 Master Event
50
000078h
000178h
IFS3<2>
IEC3<2>
IPC12<10:8>
I2C2 Slave Event
49
000076h
000176h
IFS3<1>
IEC3<1>
IPC12<6:4>
I2C3 Master Event
85
0000BEh
0001BEh
IFS5<5>
IEC5<5>
IPC21<6:4>
I2C3 Slave Event
84
0000BCh
0001BCh
IFS5<4>
IEC5<4>
IPC21<2:0>
Input Capture 1
1
000016h
000116h
IFS0<1>
IEC0<1>
IPC0<6:4>
Input Capture 2
5
00001Eh
00011Eh
IFS0<5>
IEC0<5>
IPC1<6:4>
Input Capture 3
37
00005Eh
00015Eh
IFS2<5>
IEC2<5>
IPC9<6:4>
Input Capture 4
38
000060h
000160h
IFS2<6>
IEC2<6>
IPC9<10:8>
Input Capture 5
39
000062h
000162h
IFS2<7>
IEC2<7>
IPC9<14:12>
Input Capture 6
40
000064h
000164h
IFS2<8>
IEC2<8>
IPC10<2:0>
Input Capture 7
22
000040h
000140h
IFS1<6>
IEC1<6>
IPC5<10:8>
Input Capture 8
23
000042h
000142h
IFS1<7>
IEC1<7>
IPC5<14:12>
Input Capture 9
93
0000CEh
0001CEh
IFS5<13>
IEC5<13>
IPC23<6:4>
Input Change Notification
19
00003Ah
00013Ah
IFS1<3>
IEC1<3>
IPC4<14:12>
LVD Low-Voltage Detect
72
0000A4h
0001A4h
IFS4<8>
IEC4<8>
IPC18<2:0>
Output Compare 1
2
000018h
000118h
IFS0<2>
IEC0<2>
IPC0<10:8>
Output Compare 2
6
000020h
000120h
IFS0<6>
IEC0<6>
IPC1<10:8>
Output Compare 3
25
000046h
000146h
IFS1<9>
IEC1<9>
IPC6<6:4>
Output Compare 4
26
000048h
000148h
IFS1<10>
IEC1<10>
IPC6<10:8>
Output Compare 5
41
000066h
000166h
IFS2<9>
IEC2<9>
IPC10<6:4>
Output Compare 6
42
000068h
000168h
IFS2<10>
IEC2<10>
IPC10<10:8>
Output Compare 7
43
00006Ah
00016Ah
IFS2<11>
IEC2<11>
IPC10<14:12>
Output Compare 8
44
00006Ch
00016Ch
IFS2<12>
IEC2<12>
IPC11<2:0>
Output Compare 9
92
0000CCh
0001CCh
IFS5<12>
IEC5<12>
IPC23<2:0>
Parallel Master Port
45
00006Eh
00016Eh
IFS2<13>
IEC2<13>
IPC11<6:4>
Real-Time Clock/Calendar
62
000090h
000190h
IFS3<14>
IEC3<14>
IPC15<10:8>
SPI1 Error
9
000026h
000126h
IFS0<9>
IEC0<9>
IPC2<6:4>
SPI1 Event
10
000028h
000128h
IFS0<10>
IEC0<10>
IPC2<10:8>
SPI2 Error
32
000054h
000154h
IFS2<0>
IEC2<0>
IPC8<2:0>
SPI2 Event
33
000056h
000156h
IFS2<1>
IEC2<1>
IPC8<6:4>
SPI3 Error
90
0000C8h
0001C8h
IFS5<10>
IEC5<10>
IPC22<10:8>
SPI3 Event
91
0000CAh
0001CAh
IFS5<11>
IEC5<11>
IPC22<14:12>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com