Electronic Components Datasheet Search
  English  ▼

X  

64GA108 Datasheet(PDF) 68 Page - Microchip Technology

Part # 64GA108
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA108 Datasheet(HTML) 68 Page - Microchip Technology

Back Button 64GA108 Datasheet HTML 64Page - Microchip Technology 64GA108 Datasheet HTML 65Page - Microchip Technology 64GA108 Datasheet HTML 66Page - Microchip Technology 64GA108 Datasheet HTML 67Page - Microchip Technology 64GA108 Datasheet HTML 68Page - Microchip Technology 64GA108 Datasheet HTML 69Page - Microchip Technology 64GA108 Datasheet HTML 70Page - Microchip Technology 64GA108 Datasheet HTML 71Page - Microchip Technology 64GA108 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 68
 2010 Microchip Technology Inc.
TABLE 6-3:
RESET DELAY TIMES FOR VARIOUS DEVICE RESETS
Reset Type
Clock Source
SYSRST Delay
System Clock
Delay
Notes
POR(6)
EC
TPOR + TPWRT + TRST
—
1, 2, 7
FRC, FRCDIV
TPOR + TPWRT + TRST
TFRC
1, 2, 3, 7
LPRC
TPOR + TPWRT + TRST
TLPRC
1, 2, 3, 7
ECPLL
TPOR + TPWRT + TRST
TLOCK
1, 2, 4, 7
FRCPLL
TPOR + TPWRT + TRST
TFRC + TLOCK 1, 2, 3, 4, 7
XT, HS, SOSC
TPOR + TPWRT + TRST
TOST
1, 2, 5, 7
XTPLL, HSPLL
TPOR + TPWRT + TRST
TOST + TLOCK
1, 2, 4, 5, 7
BOR
EC
TPWRT + TRST
—
2, 7
FRC, FRCDIV
TPWRT + TRST
TFRC
2, 3, 7
LPRC
TPWRT + TRST
TLPRC
2, 3, 7
ECPLL
TPWRT + TRST
TLOCK
2, 4, 7
FRCPLL
TPWRT + TRST
TFRC + TLOCK 2, 3, 4, 7
XT, HS, SOSC
TPWRT + TRST
TOST
2, 5, 7
XTPLL, HSPLL
TPWRT + TRST
TFRC + TLOCK 2, 3, 4, 7
All Others
Any Clock
TRST
—
7
Note 1:
TPOR = Power-on Reset delay.
2:
TPWRT = 64 ms nominal if regulator is disabled (ENVREG tied to VSS).
3:
TFRC and TLPRC = RC Oscillator start-up times.
4:
TLOCK = PLL lock time.
5:
TOST = Oscillator Start-up Timer (OST). A 10-bit counter waits 1024 oscillator periods before releasing the
oscillator clock to the system.
6:
If Two-Speed Start-up is enabled, regardless of the Primary Oscillator selected, the device starts with
FRC, and in such cases, FRC start-up time is valid.
7:
TRST = Internal State Reset Timer
Note:
For detailed operating frequency and timing specifications, see Section 28.0 “Electrical Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com