Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 227 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 227 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 223Page - Microchip Technology 64GA110 Datasheet HTML 224Page - Microchip Technology 64GA110 Datasheet HTML 225Page - Microchip Technology 64GA110 Datasheet HTML 226Page - Microchip Technology 64GA110 Datasheet HTML 227Page - Microchip Technology 64GA110 Datasheet HTML 228Page - Microchip Technology 64GA110 Datasheet HTML 229Page - Microchip Technology 64GA110 Datasheet HTML 230Page - Microchip Technology 64GA110 Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 227
PIC24FJ256GA110 FAMILY
REGISTER 21-1:
AD1CON1: A/D CONTROL REGISTER 1
R/W-0
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
ADON(1)
—ADSIDL
—
—
—FORM1
FORM0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0, HCS
R-0, HCS
SSRC2
SSRC1
SSRC0
—
—
ASAM
SAMP
DONE
bit 7
bit 0
Legend:
HCS = Hardware Clearable/Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON:
A/D Operating Mode bit(1)
1
= A/D Converter module is operating
0
= A/D Converter is off
bit 14
Unimplemented:
Read as ‘0’
bit 13
ADSIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-10
Unimplemented:
Read as ‘0’
bit 9-8
FORM<1:0>:
Data Output Format bits
11
= Signed fractional (sddd dddd dd00 0000)
10
= Fractional (dddd dddd dd00 0000)
01
= Signed integer (ssss sssd dddd dddd)
00
= Integer (0000 00dd dddd dddd)
bit 7-5
SSRC<2:0>:
Conversion Trigger Source Select bits
111
= Internal counter ends sampling and starts conversion (auto-convert)
110
= CTMU event ends sampling and starts conversion
101
= Reserved
100
= Timer5 compare ends sampling and starts conversion
011
= Reserved
010
= Timer3 compare ends sampling and starts conversion
001
= Active transition on INT0 pin ends sampling and starts conversion
000
= Clearing SAMP bit ends sampling and starts conversion
bit 4-3
Unimplemented:
Read as ‘0’
bit 2
ASAM:
A/D Sample Auto-Start bit
1
= Sampling begins immediately after last conversion completes; SAMP bit is auto-set
0
= Sampling begins when the SAMP bit is set
bit 1
SAMP:
A/D Sample Enable bit
1
= A/D sample/hold amplifier is sampling input
0
= A/D sample/hold amplifier is holding
bit 0
DONE:
A/D Conversion Status bit
1
= A/D conversion is done
0
= A/D conversion is NOT done
Note 1:
Values of ADC1BUFx registers will not retain their values once the ADON bit is cleared. Read out the
conversion values from the buffer before disabling the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com