Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 229 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 229 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 225Page - Microchip Technology 64GA110 Datasheet HTML 226Page - Microchip Technology 64GA110 Datasheet HTML 227Page - Microchip Technology 64GA110 Datasheet HTML 228Page - Microchip Technology 64GA110 Datasheet HTML 229Page - Microchip Technology 64GA110 Datasheet HTML 230Page - Microchip Technology 64GA110 Datasheet HTML 231Page - Microchip Technology 64GA110 Datasheet HTML 232Page - Microchip Technology 64GA110 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 229
PIC24FJ256GA110 FAMILY
REGISTER 21-3:
AD1CON3: A/D CONTROL REGISTER 3
R/W-0
r-0
r-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADRC
r
r
SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADRC:
A/D Conversion Clock Source bit
1
= A/D internal RC clock
0
= Clock derived from system clock
bit 14-13
Reserved
: Maintain as ‘0’
bit 12-8
SAMC<4:0>:
Auto-Sample Time bits
11111
= 31 TAD
·····
00001
= 1 TAD
00000
= 0 TAD (not recommended)
bit 7-0
ADCS<7:0>:
A/D Conversion Clock Select bits
11111111
······
= Reserved, do not use
01000000
00111111
= 64 TCY
00111110
= 63 TCY
······
00000001
= 2 * TCY
00000000
= TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com