Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 228 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 228 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 224Page - Microchip Technology 64GA110 Datasheet HTML 225Page - Microchip Technology 64GA110 Datasheet HTML 226Page - Microchip Technology 64GA110 Datasheet HTML 227Page - Microchip Technology 64GA110 Datasheet HTML 228Page - Microchip Technology 64GA110 Datasheet HTML 229Page - Microchip Technology 64GA110 Datasheet HTML 230Page - Microchip Technology 64GA110 Datasheet HTML 231Page - Microchip Technology 64GA110 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 228
 2010 Microchip Technology Inc.
REGISTER 21-2:
AD1CON2: A/D CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
r-0
U-0
R/W-0
U-0
U-0
VCFG2
VCFG1
VCFG0
r
—
CSCNA
—
—
bit 15
bit 8
R-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS
—
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
VCFG<2:0>:
Voltage Reference Configuration bits
bit 12
Reserved:
Maintain as ‘0’
bit 11
Unimplemented:
Read as ‘0’
bit 10
CSCNA:
Scan Input Selections for S/H Positive Input for MUX A Input Multiplexer Setting bit
1
= Scan inputs
0
= Do not scan inputs
bit 9-8
Unimplemented:
Read as ‘0’
bit 7
BUFS:
Buffer Fill Status bit (valid only when BUFM = 1)
1
= A/D is currently filling buffer 08-0F, user should access data in 00-07
0
= A/D is currently filling buffer 00-07, user should access data in 08-0F
bit 6
Unimplemented:
Read as ‘0’
bit 5-2
SMPI<3:0>:
Sample/Convert Sequences Per Interrupt Selection bits
1111
= Interrupts at the completion of conversion for each 16th sample/convert sequence
1110
= Interrupts at the completion of conversion for each 15th sample/convert sequence
.....
0001
= Interrupts at the completion of conversion for each 2nd sample/convert sequence
0000
= Interrupts at the completion of conversion for each sample/convert sequence
bit 1
BUFM:
Buffer Mode Select bit
1
= Buffer configured as two 8-word buffers (ADC1BUFn<15:8> and ADC1BUFn<7:0>)
0
= Buffer configured as one 16-word buffer (ADC1BUFn<15:0>)
bit 0
ALTS:
Alternate Input Sample Mode Select bit
1
= Uses MUX A input multiplexer settings for first sample, then alternates between MUX B and MUX A
input multiplexer settings for all subsequent samples
0
= Always uses MUX A input multiplexer settings
VCFG<2:0>
VR+VR-
000
AVDD
AVSS
001
External VREF+ pin
AVSS
010
AVDD
External VREF- pin
011
External VREF+ pin
External VREF- pin
1xx
AVDD
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com