Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 270 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 270 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 266Page - Microchip Technology 64GA110 Datasheet HTML 267Page - Microchip Technology 64GA110 Datasheet HTML 268Page - Microchip Technology 64GA110 Datasheet HTML 269Page - Microchip Technology 64GA110 Datasheet HTML 270Page - Microchip Technology 64GA110 Datasheet HTML 271Page - Microchip Technology 64GA110 Datasheet HTML 272Page - Microchip Technology 64GA110 Datasheet HTML 273Page - Microchip Technology 64GA110 Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 270
 2010 Microchip Technology Inc.
28.1
DC Characteristics
FIGURE 28-1:
PIC24FJ256GA110 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
TABLE 28-1:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
PIC24FJ256GA110 Family:
Operating Junction Temperature Range
TJ
-40
—
+140
°C
Operating Ambient Temperature Range
TA
-40
—
+125
°C
Power Dissipation:
Internal Chip Power Dissipation:
PINT = VDD x (IDD –
 IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
PI/O =
 ({VDD – VOH} x IOH) +  (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
JA
W
Frequency
3.00V
2.00V
32 MHz
2.75V
2.50V
2.25V
2.75V
16 MHz
2.25V
For frequencies between 16 MHz and 32 MHz, FMAX = (64 MHz/V) * (VDDCORE – 2V) + 16 MHz.
Note 1:
When the voltage regulator is disabled, VDD and VDDCORE must be maintained so that
VDDCORE
VDD3.6V.
PIC24FJXXXGA1XX
TABLE 28-2:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 14x14x1 mm TQFP
JA
50.0
—
°C/W
(Note 1)
Package Thermal Resistance, 12x12x1 mm TQFP
JA
69.4
—
°C/W
(Note 1)
Package Thermal Resistance, 10x10x1 mm TQFP
JA
76.6
—
°C/W
(Note 1)
Package Thermal Resistance, 9x9x0.9 mm QFN
JA
28.0
—
°C/W
(Note 1)
Note 1:
Junction to ambient thermal resistance, Theta-JA (
JA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com