Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 273 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 273 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 269Page - Microchip Technology 64GA110 Datasheet HTML 270Page - Microchip Technology 64GA110 Datasheet HTML 271Page - Microchip Technology 64GA110 Datasheet HTML 272Page - Microchip Technology 64GA110 Datasheet HTML 273Page - Microchip Technology 64GA110 Datasheet HTML 274Page - Microchip Technology 64GA110 Datasheet HTML 275Page - Microchip Technology 64GA110 Datasheet HTML 276Page - Microchip Technology 64GA110 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 273
PIC24FJ256GA110 FAMILY
TABLE 28-4:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD): PMD Bits are Set(2)
DC20
0.83
1.2
mA
-40°C
2.0V(3)
1 MIPS
DC20a
0.83
1.2
mA
+25°C
DC20b
0.83
1.2
mA
+85°C
DC20c
0.9
1.3
mA
+125°C
DC20d
1.1
1.7
mA
-40°C
3.3V(4)
DC20e
1.1
1.7
mA
+25°C
DC20f
1.1
1.7
mA
+85°C
DC20g
1.2
1.7
mA
+125°C
DC23
3.3
4.5
mA
-40°C
2.0V(3)
4 MIPS
DC23a
3.3
4.5
mA
+25°C
DC23b
3.3
4.6
mA
+85°C
DC23c
3.4
4.6
mA
+125°C
DC23d
4.3
6.5
mA
-40°C
3.3V(4)
DC23e
4.3
6.5
mA
+25°C
DC23f
4.3
6.5
mA
+85°C
DC23g
4.3
6.5
mA
+125°C
DC24
18.2
24.0
mA
-40°C
2.5V(3)
16 MIPS
DC24a
18.2
24.0
mA
+25°C
DC24b
18.2
24.0
mA
+85°C
DC24c
18.2
24.0
mA
+125°C
DC24d
18.2
24.0
mA
-40°C
3.3V(4)
DC24e
18.2
24.0
mA
+25°C
DC24f
18.2
24.0
mA
+85°C
DC24g
18.2
24.0
mA
+125°C
DC31
15.0
54.0
A-40°C
2.0V(3)
LPRC (31 kHz)
DC31a
15.0
54.0
A+25°C
DC31b
20.0
69.0
A+85°C
DC31c
60.0
159.0
A
+125°C
DC31d
57.0
96.0
A-40°C
3.3V(4)
DC31e
57.0
96.0
A+25°C
DC31f
95.0
145.0
A+85°C
DC31g
120.0
281.0
A
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the
current consumption. The test conditions for all IDD measurements are as follows: OSCI driven with external square
wave from rail to rail. All I/O pins are configured as inputs and pulled to VDD.
MCLR = VDD; WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are operational. No
peripheral modules are operating and all of the Peripheral Module Disable (PMD) bits are set.
3:
On-chip voltage regulator disabled (ENVREG tied to VSS).
4:
On-chip voltage regulator enabled (ENVREG tied to VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com