Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 274 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 274 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 270Page - Microchip Technology 64GA110 Datasheet HTML 271Page - Microchip Technology 64GA110 Datasheet HTML 272Page - Microchip Technology 64GA110 Datasheet HTML 273Page - Microchip Technology 64GA110 Datasheet HTML 274Page - Microchip Technology 64GA110 Datasheet HTML 275Page - Microchip Technology 64GA110 Datasheet HTML 276Page - Microchip Technology 64GA110 Datasheet HTML 277Page - Microchip Technology 64GA110 Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 274
 2010 Microchip Technology Inc.
TABLE 28-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core Off, Clock On Base Current, PMD Bits are Set(2)
DC40
220
310
A-40°C
2.0V(3)
1 MIPS
DC40a
220
310
A+25°C
DC40b
220
310
A+85°C
DC40c
260
350
A
+125°C
DC40d
300
390
A-40°C
3.3V(4)
DC40e
300
390
A+25°C
DC40f
320
420
A+85°C
DC40g
340
450
A
+125°C
DC43
0.85
1.1
mA
-40°C
2.0V(3)
4 MIPS
DC43a
0.85
1.1
mA
+25°C
DC43b
0.87
1.2
mA
+85°C
DC43c
0.87
1.2
mA
+125°C
DC43d
1.1
1.4
mA
-40°C
3.3V(4)
DC43e
1.1
1.4
mA
+25°C
DC43f
1.1
1.4
mA
+85°C
DC43g
1.1
1.5
mA
+125°C
DC47
4.4
5.6
mA
-40°C
2.5V(3)
16 MIPS
DC47a
4.4
5.6
mA
+25°C
DC47b
4.4
5.6
mA
+85°C
DC47c
4.4
5.6
mA
+125°C
DC47d
4.4
5.6
mA
-40°C
3.3V(4)
DC47e
4.4
5.6
mA
+25°C
DC47f
4.4
5.6
mA
+85°C
DC47g
4.4
5.6
mA
+125°C
DC50
1.1
1.4
mA
-40°C
2.0V(3)
FRC (4 MIPS)
DC50a
1.1
1.4
mA
+25°C
DC50b
1.1
1.4
mA
+85°C
DC50c
1.2
1.5
mA
+125°C
DC50d
1.4
1.8
mA
-40°C
3.3V(4)
DC50e
1.4
1.8
mA
+25°C
DC50f
1.4
1.8
mA
+85°C
DC50g
1.4
1.8
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
Base IIDLE current is measured with core off, clock on, all modules off and all of the Peripheral Module Disable
(PMD) bits are set.
3:
On-chip voltage regulator disabled (ENVREG tied to VSS).
4:
On-chip voltage regulator enabled (ENVREG tied to VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com