Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 300 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 300 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 296Page - Microchip Technology 64GA110 Datasheet HTML 297Page - Microchip Technology 64GA110 Datasheet HTML 298Page - Microchip Technology 64GA110 Datasheet HTML 299Page - Microchip Technology 64GA110 Datasheet HTML 300Page - Microchip Technology 64GA110 Datasheet HTML 301Page - Microchip Technology 64GA110 Datasheet HTML 302Page - Microchip Technology 64GA110 Datasheet HTML 303Page - Microchip Technology 64GA110 Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 300
 2010 Microchip Technology Inc.
FIGURE 28-21:
PARALLEL SLAVE PORT TIMING
TABLE 28-34: PARALLEL SLAVE PORT REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
PS1
TdtV2wrH Data In Valid before WR or CS Inactive
(setup time)
20
—
—
ns
PS2
TwrH2dtI
WR or CS Inactive to Data–In Invalid
(hold time)
20
—
—
ns
PS3
TrdL2dtV RD and CS Active to Data–Out Valid
—
—
80
ns
PS4
TrdH2dtI
RD Active
or CS Inactive to Data–Out
Invalid
10
—
30
ns
CS
RD
WR
PMD<7:0>
PS1
PS2
PS3
PS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com