Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 301 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 301 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 297Page - Microchip Technology 64GA110 Datasheet HTML 298Page - Microchip Technology 64GA110 Datasheet HTML 299Page - Microchip Technology 64GA110 Datasheet HTML 300Page - Microchip Technology 64GA110 Datasheet HTML 301Page - Microchip Technology 64GA110 Datasheet HTML 302Page - Microchip Technology 64GA110 Datasheet HTML 303Page - Microchip Technology 64GA110 Datasheet HTML 304Page - Microchip Technology 64GA110 Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 301
PIC24FJ256GA110 FAMILY
FIGURE 28-22:
PARALLEL MASTER PORT READ TIMING DIAGRAM
TABLE 28-35: PARALLEL MASTER PORT READ TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
Param.
No
Symbol
Characteristics(1)
Min
Typ
Max
Units
Conditions
PM1
PMALL/PMALH Pulse Width
—
0.5 TCY
—ns
PM2
Address Out Valid to PMALL/PMALH
Invalid (address setup time)(2)
—
0.75 TCY
—ns
PM3
PMALL/PMALH Invalid to Address Out
Invalid (address hold time)
—
0.25 TCY
—ns
PM5
PMRD Pulse Width
—
0.5 TCY
—ns
PM6
Data In to PMRD or PMENB Inactive
state
150
—
—
ns
PM7
PMRD or PMENB Inactive to Data In
Invalid (data hold time)
——
5
ns
Note 1:
Wait states disabled for all cases.
2:
The setup time for the LSB and the MSB of the address are not the same; the setup time for the LSB is
0.5 TCY and for the MSB is 0.75 TCY.
P1
P2
P3
P4
P1
P2
P3
P4
P1
P2
System
PMALL/PMALH
PMD<7:0>
Address
PMA<13:18>
Operating Conditions: 2.0V < VCC < 3.6V, -40°C < TA < +85°C unless otherwise stated.
PMWR
PMCS<2:1>
PMRD
Clock
PM2
PM3
PM6
PM7
PM5
PM1
Data
Address<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com