Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 302 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 302 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 298Page - Microchip Technology 64GA110 Datasheet HTML 299Page - Microchip Technology 64GA110 Datasheet HTML 300Page - Microchip Technology 64GA110 Datasheet HTML 301Page - Microchip Technology 64GA110 Datasheet HTML 302Page - Microchip Technology 64GA110 Datasheet HTML 303Page - Microchip Technology 64GA110 Datasheet HTML 304Page - Microchip Technology 64GA110 Datasheet HTML 305Page - Microchip Technology 64GA110 Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 302
 2010 Microchip Technology Inc.
FIGURE 28-23:
PARALLEL MASTER PORT WRITE TIMING DIAGRAM
TABLE 28-36: PARALLEL MASTER PORT WRITE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
Param.
No
Symbol
Characteristics(1)
Min
Typ
Max
Units
Conditions
PM11
PMWR Pulse Width
—
0.5 TCY
—ns
PM12
Data Out Valid before PMWR or
PMENB goes Inactive (data setup time)
—
0.75 TCY
—ns
PM13
PMWR or PMEMB Invalid to Data Out
Invalid (data hold time)
—
0.25 TCY
—ns
PM16
PMCSx Pulse Width
TCY – 5
—
—
ns
Note 1:
Wait states disabled for all cases.
P1
P2
P3
P4
P1
P2
P3
P4
P1
P2
System
PMALL/PMALH
PMD<7:0>
Address
PMA<13:18>
Operating Conditions: 2.0V < VCC < 3.6V, -40°C < TA < +85°C unless otherwise stated.
PMWR
PMCS<2:1>
PMRD
Clock
PM12
PM13
PM11
PM16
Data
Address<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com