Electronic Components Datasheet Search
  English  ▼

X  

142RHS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 142RHS
Description  Aluminum Capacitors Radial High Temperature Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

142RHS Datasheet(HTML) 5 Page - Vishay Siliconix

  142RHS Datasheet HTML 1Page - Vishay Siliconix 142RHS Datasheet HTML 2Page - Vishay Siliconix 142RHS Datasheet HTML 3Page - Vishay Siliconix 142RHS Datasheet HTML 4Page - Vishay Siliconix 142RHS Datasheet HTML 5Page - Vishay Siliconix 142RHS Datasheet HTML 6Page - Vishay Siliconix 142RHS Datasheet HTML 7Page - Vishay Siliconix 142RHS Datasheet HTML 8Page - Vishay Siliconix 142RHS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
142 RHS
www.vishay.com
Vishay BCcomponents
Revision: 23-Jul-12
5
Document Number: 28402
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35
47
5 x 11
90
16
0.12
50479E3
2.0
-
-
70479E3
2.5
30479E3
5.0
100
6.3 x 11
150
35
0.12
50101E3
2.5
-
-
70101E3
2.5
30101E3
5.0
220
8 x 12
270
77
0.12
50221E3
3.5
-
-
70221E3
3.5
30221E3
5.0
330
10 x 12
350
116
0.12
50331E3
5.0
60331E3
5.0
-
-
30331E3
5.0
470
10 x 16
460
165
0.12
50471E3
5.0
60471E3
5.0
-
-
30471E3
5.0
1000
12.5 x 20
810
350
0.12
50102E3
5.0
60102E3
5.0
-
-
30102E3
5.0
2200
16 x 25
1260
770
0.14
50222E3
7.5
60222E3
7.5
-
-
30222E3
7.5
3300
16 x 31
1420
1155
0.16
50332E3
7.5
60332E3
7.5
-
-
30332E3
7.5
4700
18 x 35
1900
1645
0.18
50472E3
7.5
60472E3
7.5
-
-
-
-
50
22
5 x 11
78
11
0.10
51229E3
2.0
-
-
71229E3
2.5
31229E3
5.0
47
6.3 x 11
120
24
0.10
51479E3
2.5
-
-
71479E3
2.5
31479E3
5.0
100
8 x 12
188
50
0.10
51101E3
3.5
-
-
71101E3
3.5
31101E3
5.0
220
10 x 12
240
110
0.10
51221E3
5.0
61221E3
5.0
-
-
31221E3
5.0
330
10 x 16
410
165
0.10
51331E3
5.0
61331E3
5.0
-
-
31331E3
5.0
470
12.5 x 20
530
235
0.10
51471E3
5.0
61471E3
5.0
-
-
31471E3
5.0
1000
12.5 x 25
950
500
0.10
51102E3
5.0
61102E3
5.0
-
-
31102E3
5.0
2200
16 x 35
1470
1100
0.12
51222E3
7.5
61222E3
7.5
-
-
-
-
3300
18 x 35
1770
1650
0.14
51332E3
7.5
61332E3
7.5
-
-
-
-
63
4.7
5 x 11
36
3
0.09
58478E3
2.0
-
-
78478E3
2.5
38478E3
5.0
10
5 x 11
54
6
0.09
58109E3
2.0
-
-
78109E3
2.5
38109E3
5.0
22
6.3 x 11
86
14
0.09
58229E3
2.5
-
-
78229E3
2.5
38229E3
5.0
33
6.3 x 11
100
21
0.09
58339E3
2.5
-
-
78339E3
2.5
38339E3
5.0
47
8 x 12
141
30
0.09
58479E3
3.5
-
-
78479E3
3.5
38479E3
5.0
100
10 x 12
235
63
0.09
58101E3
5.0
68101E3
5.0
-
-
38101E3
5.0
220
10 x 16
335
139
0.09
58221E3
5.0
68221E3
5.0
-
-
38221E3
5.0
330
10 x 20
510
208
0.09
58331E3
5.0
68331E3
5.0
-
-
38331E3
5.0
470
12.5 x 20
640
296
0.09
58471E3
5.0
68471E3
5.0
-
-
38471E3
5.0
1000
16 x 25
930
630
0.09
58102E3
7.5
68102E3
7.5
-
-
38102E3
7.5
2200
18 x 40
2340
1380
0.09
58222E3
7.5
68222E3
7.5
-
-
-
-
100
1.0
5 x 11
15
3
0.08
59108E3
2.0
-
-
79108E3
2.5
39108E3
5.0
2.2
5 x 11
30
3
0.08
59228E3
2.0
-
-
79228E3
2.5
39228E3
5.0
4.7
6.3 x 11
40
5
0.08
59478E3
2.5
-
-
79478E3
2.5
39478E3
5.0
10
8 x 12
66
10
0.08
59109E3
3.5
-
-
79109E3
3.5
39109E3
5.0
22
8 x 12
99
22
0.08
59229E3
3.5
-
-
79229E3
3.5
39229E3
5.0
33
10 x 12
148
33
0.08
59339E3
5.0
69339E3
5.0
-
-
39339E3
5.0
47
10 x 16
180
47
0.08
59479E3
5.0
69479E3
5.0
-
-
39479E3
5.0
100
10 x 20
265
100
0.08
59101E3
5.0
69101E3
5.0
-
-
39101E3
5.0
220
12.5 x 25
440
220
0.08
59221E3
5.0
69221E3
5.0
-
-
39221E3
5.0
330
16 x 25
540
330
0.08
59331E3
7.5
69331E3
7.5
-
-
39331E3
7.5
470
16 x 31
715
470
0.08
59471E3
7.5
69471E3
7.5
-
-
39471E3
7.5
1000
18 x 40
985
1000
0.08
59102E3
7.5
69102E3
7.5
-
-
-
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 ºC
(mA)
IL2
2min
(μA)
tan
100 Hz
ORDERING CODE MAL2142...
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TNA
F
(mm)
FORM
TFA
F
(mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com