Electronic Components Datasheet Search
  English  ▼

X  

142RHS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 142RHS
Description  Aluminum Capacitors Radial High Temperature Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

142RHS Datasheet(HTML) 4 Page - Vishay Siliconix

  142RHS Datasheet HTML 1Page - Vishay Siliconix 142RHS Datasheet HTML 2Page - Vishay Siliconix 142RHS Datasheet HTML 3Page - Vishay Siliconix 142RHS Datasheet HTML 4Page - Vishay Siliconix 142RHS Datasheet HTML 5Page - Vishay Siliconix 142RHS Datasheet HTML 6Page - Vishay Siliconix 142RHS Datasheet HTML 7Page - Vishay Siliconix 142RHS Datasheet HTML 8Page - Vishay Siliconix 142RHS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
142 RHS
www.vishay.com
Vishay BCcomponents
Revision: 23-Jul-12
4
Document Number: 28402
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 142 series
470 μF/25 V; ± 20 %
Nominal case size: Ø 10 mm x 12 mm; Form TFA
Ordering Code: MAL214236471E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105 ºC
IL2
Max. leakage current after 2 min at UR = 10 V to 100 V
IL5
Max. leakage current after 5 min at UR = 200 V to 450 V
tan
Max. dissipation factor at 100 Hz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 ºC
(mA)
IL2
2min
(μA)
tan
100 Hz
ORDERING CODE MAL2142...
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TNA
F
(mm)
FORM
TFA
F
(mm)
10
330
6.3 x 11
200
33
0.20
54331E3
2.5
-
-
74331E3
2.5
34331E3
5.0
470
8 x 12
290
47
0.20
54471E3
3.5
-
-
74471E3
3.5
34471E3
5.0
1000
10 x 12
460
100
0.20
54102E3
5.0
64102E3
5.0
-
-
34102E3
5.0
2200
10 x 20
760
220
0.22
54222E3
5.0
64222E3
5.0
-
-
34222E3
5.0
4700
12.5 x 25
1260
470
0.26
54472E3
5.0
64472E3
5.0
-
-
34472E3
5.0
6800
16 x 25
1690
680
0.28
54682E3
7.5
64682E3
7.5
-
-
34682E3
7.5
10 000
16 x 31
2120
1000
0.30
54103E3
7.5
64103E3
7.5
-
-
34103E3
7.5
22 000
18 x 40
3100
2200
0.32
54223E3
7.5
64223E3
7.5
-
-
-
-
16
100
5 x 11
110
16
0.16
55101E3
2.0
-
-
75101E3
2.5
35101E3
5.0
220
6.3 x 11
190
35
0.16
55221E3
2.5
-
-
75221E3
2.5
35221E3
5.0
330
8 x 12
270
53
0.16
55331E3
3.5
-
-
75331E3
3.5
35331E3
5.0
470
10 x 12
370
75
0.16
55471E3
5.0
65471E3
5.0
-
-
35471E3
5.0
1000
10 x 16
560
160
0.16
55102E3
5.0
65102E3
5.0
-
-
35102E3
5.0
2200
12.5 x 20
920
352
0.18
55222E3
5.0
65222E3
5.0
-
-
35222E3
5.0
3300
12.5 x 25
1170
528
0.20
55332E3
5.0
65332E3
5.0
-
-
35332E3
5.0
4700
16 x 25
1480
752
0.22
55472E3
7.5
65472E3
7.5
-
-
35472E3
7.5
6800
16 x 31
1930
1088
0.24
55682E3
7.5
65682E3
7.5
-
-
35682E3
7.5
10 000
18 x 31
2330
1600
0.26
55103E3
7.5
65103E3
7.5
-
-
-
-
25
47
5 x 11
97
12
0.14
56479E3
2.0
-
-
76479E3
2.5
36479E3
5.0
100
6.3 x 11
142
25
0.14
56101E3
2.5
-
-
76101E3
2.5
36101E3
5.0
220
8 x 12
236
55
0.14
56221E3
3.5
-
-
76221E3
3.5
36221E3
5.0
470
10 x 12
380
118
0.14
56471E3
5.0
66471E3
5.0
-
-
36471E3
5.0
1000
10 x 20
680
250
0.14
56102E3
5.0
66102E3
5.0
-
-
36102E3
5.0
2200
12.5 x 25
1110
550
0.16
56222E3
5.0
66222E3
5.0
-
-
36222E3
5.0
3300
16 x 25
1440
825
0.18
56332E3
7.5
66332E3
7.5
-
-
36332E3
7.5
4700
16 x 31
1710
1175
0.20
56472E3
7.5
66472E3
7.5
-
-
36472E3
7.5
6800
18 x 35
2160
1700
0.22
56682E3
7.5
66682E3
7.5
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com