Electronic Components Datasheet Search
  English  ▼

X  

142RHS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 142RHS
Description  Aluminum Capacitors Radial High Temperature Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

142RHS Datasheet(HTML) 1 Page - Vishay Siliconix

  142RHS Datasheet HTML 1Page - Vishay Siliconix 142RHS Datasheet HTML 2Page - Vishay Siliconix 142RHS Datasheet HTML 3Page - Vishay Siliconix 142RHS Datasheet HTML 4Page - Vishay Siliconix 142RHS Datasheet HTML 5Page - Vishay Siliconix 142RHS Datasheet HTML 6Page - Vishay Siliconix 142RHS Datasheet HTML 7Page - Vishay Siliconix 142RHS Datasheet HTML 8Page - Vishay Siliconix 142RHS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
142 RHS
www.vishay.com
Vishay BCcomponents
Revision: 23-Jul-12
1
Document Number: 28402
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Radial High Temperature Standard
Fig. 1
FEATURES
• Useful life of 2500 h at 105 °C
• Miniaturized, high CV-product per unit volume
• Charge and discharge proof
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Pressure relief for case Ø D
 6.3 mm
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Industrial, telecom and domestic appliances
• Decoupling, smoothing, filtering, buffering in SMPS
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name or logo of manufacturer
• Negative terminal identification
• Series number (142)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
5 x 11 to 18 x 40
Rated capacitance range, CR
1 μF to 22 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
10 V to 450 V
Category temperature range
- 40 °C to + 105 °C
Endurance test at 105 °C
2000 h
Useful life at 105 °C
2500 h
Useful life at 40 °C, 1.6 x IR applied
140 000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
038 RSU
142 RHS
140 RTM
150 RMI
146 RTI
Longer life
105 °C
Higher temperature
125 °C
Lower Z
Lower Z


Similar Part No. - 142RHS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
142RHS VISHAY-142RHS Datasheet
135Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
19-Sep-16
142RHS VISHAY-142RHS Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
142RHS VISHAY-142RHS_16 Datasheet
135Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
19-Sep-16
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
More results

Similar Description - 142RHS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
Aluminum Capacitors Radial Standard Miniature
16-Nov-05
044RSH VISHAY-044RSH Datasheet
394Kb / 6P
Aluminum Capacitors Radial Standard, High Voltage
16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
Aluminum Capacitors Radial, High Temperature, Low Impedance
23-Jul-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
Aluminum Capacitors Radial, High Temperature Miniature
15-Nov-12
MAL214650331E3 VISHAY-MAL214650331E3 Datasheet
126Kb / 9P
Aluminum Capacitors Radial, High Temperature, Low Impedance
23-Jul-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
Aluminum Capacitors Radial Standard Miniature
14-Nov-07
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
142RHS VISHAY-142RHS_16 Datasheet
135Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
19-Sep-16
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com