Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 100PS
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100PS Datasheet(HTML) 5 Page - Vishay Siliconix

  100PS Datasheet HTML 1Page - Vishay Siliconix 100PS Datasheet HTML 2Page - Vishay Siliconix 100PS Datasheet HTML 3Page - Vishay Siliconix 100PS Datasheet HTML 4Page - Vishay Siliconix 100PS Datasheet HTML 5Page - Vishay Siliconix 100PS Datasheet HTML 6Page - Vishay Siliconix 100PS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Revision: 12-Apr-12
5
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 WVDC AT + 85 °C, SURGE = 125 V
0.47
516D474M100JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
10
1.0
516D105M100JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
18
2.2
516D225M100JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
28
3.3
516D335M100JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
34
4.7
516D475M100JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
40
10
516D106M100LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.08
60
22
516D226M100MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.08
120
33
516D336M100MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.08
150
47
516D476M100MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.08
190
100
516D107M100NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.08
340
220
516D227M100PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.08
560
330
516D337M100PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.08
750
470
516D477M100QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.08
970
160 WVDC AT + 85 °C, SURGE = 200 V
1.0
516D105M160LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.2
13
2.2
516D225M160LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.2
23
3.3
516D335M160MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
33
4.7
516D475M160MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
39
10
516D106M160MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.2
60
22
516D226M160NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.2
120
33
516D336M160PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.2
170
47
516D476M160PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.2
230
100
516D107M160QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.2
430
200 WVDC AT + 85 °C, SURGE = 250 V
1.0
516D105M200LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.2
13
2.2
516D225M200LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.2
23
3.3
516D335M200MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
33
4.7
516D475M200MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
39
10
516D106M200NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.2
70
22
516D226M200PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.2
140
33
516D336M200PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.2
170
47
516D476M200PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.2
230
100
516D107M200QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.2
430
250 WVDC AT + 85 °C, SURGE = 300 V
1.0
516D105M250LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.2
14
2.2
516D225M250MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
27
3.3
516D335M250MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
33
4.7
516D475M250MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.2
45
10
516D106M250NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.2
70
22
516D226M250PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.2
140
33
516D336M250PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.2
190
47
516D476M250QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.2
260
100
516D107M250QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.2
430
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
MAX. DF
AT + 20 °C
120 Hz
MAX. RIPPLE
AT + 85 °C/120 Hz
(mARMS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com