Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 100PS
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100PS Datasheet(HTML) 1 Page - Vishay Siliconix

  100PS Datasheet HTML 1Page - Vishay Siliconix 100PS Datasheet HTML 2Page - Vishay Siliconix 100PS Datasheet HTML 3Page - Vishay Siliconix 100PS Datasheet HTML 4Page - Vishay Siliconix 100PS Datasheet HTML 5Page - Vishay Siliconix 100PS Datasheet HTML 6Page - Vishay Siliconix 100PS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Revision: 12-Apr-12
1
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors + 85 °C, Miniature, Axial Lead
FEATURES
• High CV per case size
•Low cost
• Solvent resistant construction (through 100 WVDC)
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.197" x 0.472" [5.0 x 12.0]
to 0.709" x 1.614" [18.0 x 41.0]
Operating temperature
- 40 °C to + 85 °C
(- 25 °C to + 85 °C for
315 WVDC to 450 WVDC units)
Rated capacitance range, CR
0.47 μF to 10 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 WVDC to 450 WVDC
Termination
2 axial leads
Life validation test at 85 °C
2000 h:
CAP  20 % from
initial measurement.
DF x 2 initial specified limit.
DCL  initial specified limit.
Shelf life at 85 °C
1000 h:
CAP ± 20 % from
initial measurement.
DF 2 x initial specified limit.
DCL  the initial specified limit.
DC leakage current
Rated voltage for 1 min for
6.3 WVDC to 100 WVDC units
I < 0.03 CV or 4 μA
(whichever is greater)
Rated voltage for 2 min for
6.3 WVDC to 100 WVDC units
I < 0.01 CV or 3 μA
(whichever is greater)
Rated voltage for 1 min for
160 WVDC to 450 WVDC units
I < 0.1 CV + 40 μA and CV
 1000
I < 0.04 CV + 100 μA and CV > 1000
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
 + 70 °C
1.27
+ 85 °C
1.0
FREQUENCY (Hz)/CAPACITANCE (μF)
WVDC
CAP. (μF)
50 TO
60
100 TO
120
300 TO
400
1 kHz
 10 kHz
6.3 to
100
0 to 47
0.75
1
1.35
1.57
2.00
100 to 470
0.80
1
1.23
1.34
1.50
1000 to
10 000
0.85
1
1.10
1.13
1.15
160 to
450
1 to 100
0.80
1
1.25
1.40
1.60
LOW TEMPERATURE PERFORMANCE
MAXIMUM IMPEDANCE RATIO Z(T)/Z(+ 20 °C) MAXIMUM AT 120 Hz
RATED VOLTAGE
(WVDC)
Z - 25 °C/Z + 20 °C
Z - 40 °C/Z + 20 °C
6.3
4.0
10.0
10.0
3.0
8.0
16.0
2.0
6.0
25.0
2.0
4.0
35.0 to 100.0
2.0
3.0
160.0 to 250.0
4.0
12.0
315.0 to 350.0
6.0
-
400.0 to 450.0
15.0
-
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
TYPICAL WEIGHT
(g)
CASE
CODE
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
TYPICAL WEIGHT
(g)
JL
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.56
NR
0.394 x 1.023 [10.0 x 26.0]
0.024 [0.6]
3.10
LL
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.90
PR
0.512 x 1.023 [13.0 x 26.0]
0.024 [0.6]
4.63
LM
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
1.07
PS
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
5.47
MM
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
1.45
QS
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
8.26
MN
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
1.70
QT
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
10.42
NP
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
2.32
RT
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
12.42


Similar Part No. - 100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
100PS PHILIPS-100PS Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
100PS NXP-100PS Datasheet
213Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
logo
Micro Commercial Compon...
100PS MCC-100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
logo
JST Mfg. Co., Ltd.
100PS-JMDSS-G-1-TF JST-100PS-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
All Sensors Corporation
100PSI-A-4V ASC-100PSI-A-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results

Similar Description - 100PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_08 Datasheet
129Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
515D VISHAY-515D Datasheet
101Kb / 9P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
07-Jan-13
630D VISHAY-630D_13 Datasheet
67Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
24-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
16-Apr-13
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
Aluminum Capacitors 85 C, Miniature, Axial Lead
16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
31-Jan-18
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
11-Feb-2022
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
04-May-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com