Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 100PS
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100PS Datasheet(HTML) 6 Page - Vishay Siliconix

  100PS Datasheet HTML 1Page - Vishay Siliconix 100PS Datasheet HTML 2Page - Vishay Siliconix 100PS Datasheet HTML 3Page - Vishay Siliconix 100PS Datasheet HTML 4Page - Vishay Siliconix 100PS Datasheet HTML 5Page - Vishay Siliconix 100PS Datasheet HTML 6Page - Vishay Siliconix 100PS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Revision: 12-Apr-12
6
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
315 WVDC AT + 85 °C, SURGE = 365 V
1.0
516D105M315LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.2
14
2.2
516D225M315MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
27
3.3
516D335M315MN6AE3
0.315 x .0787 [8.0 x 20.0]
0.024 [0.6]
0.2
36
4.7
516D475M315MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.2
45
10
516D106M315NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.2
80
22
516D226M315PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.2
150
33
516D336M315QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.2
210
47
516D476M315QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.2
260
350 WVDC AT + 85 °C, SURGE = 400 V
1.0
516D105M350LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.25
12
2.2
516D225M350MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.25
24
3.3
516D335M350MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.25
32
4.7
516D475M350NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.25
46
10
516D106M350PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.25
85
22
516D226M350PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.25
140
33
516D336M350QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.25
190
47
516D476M350QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.25
260
400 WVDC AT + 85 °C, SURGE = 450 V
1.0
516D105M400MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.25
14
2.2
516D225M400MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.25
28
3.3
516D335M400NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.25
38
4.7
516D475M400NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.25
46
10
516D106M400PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.25
85
22
516D226M400QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.25
150
33
516D336M400QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.25
210
47
516D476M400RT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.25
290
450 WVDC AT + 85 °C, SURGE = 500 V
1.0
516D105M450MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.25
14
2.2
516D225M450MN6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.25
31
3.3
516D335M450NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.25
38
4.7
516D475M450NP6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.25
50
10
516D106M450PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.25
85
22
516D226M450QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.25
150
33
516D336M450QT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.25
230
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
MAX. DF
AT + 20 °C
120 Hz
MAX. RIPPLE
AT + 85 °C/120 Hz
(mARMS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com