Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-In
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 2 Page - Vishay Siliconix

  EYH_13 Datasheet HTML 1Page - Vishay Siliconix EYH_13 Datasheet HTML 2Page - Vishay Siliconix EYH_13 Datasheet HTML 3Page - Vishay Siliconix EYH_13 Datasheet HTML 4Page - Vishay Siliconix EYH_13 Datasheet HTML 5Page - Vishay Siliconix EYH_13 Datasheet HTML 6Page - Vishay Siliconix EYH_13 Datasheet HTML 7Page - Vishay Siliconix EYH_13 Datasheet HTML 8Page - Vishay Siliconix EYH_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EYH
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
2
Document Number: 25139
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3300
----
22 x 25
22 x 35
22 x 50
25 x 50
25 x 40
30 x 40
30 x 50
30 x 30
35 x 30
35 x 40
3900
----
22 x 30
22 x 40
25 x 45
35 x 45
25 x 35
30 x 35
30 x 45
30 x 25
35 x 35
4700
-
-
-
22 x 25
22 x 35
22 x 45
25 x 50
25 x 25
25 x 40
30 x 40
30 x 50
35 x 50
30 x 30
35 x 30
35 x 40
40 x 40
5600
-
-
-
22 x 30
22 x 35
22 x 50
30 x 45
35 x 45
40 x 50
25 x 30
25 x 40
35 x 35
30 x 35
6800
-
-
-
22 x 30
22 x 40
25 x 50
30 x 50
40 x 40
40 x 50
25 x 35
30 x 40
35 x 40
35 x 30
8200
-
-
22 x 25
22 x 35
22 x 50
30 x 45
35 x 45
40 x 50
-
25 x 30
25 x 40
35 x 35
30 x 30
10 000
-
22 x 25
22 x 30
22 x 40
25 x 45
30 x 50
35 x 50
--
25 x 25
25 x 35
30 x 35
35 x 40
40 x 40
12 000
22 x 25
22 x 30
22 x 35
22 x 45
35 x 45
-
-
-
25 x 30
25 x 40
25 x 50
30 x 25
30 x 30
35 x 30
15 000
22 x 30
22 x 35
22 x 40
25 x 45
35 x 35
-
-
-
25 x 25
25 x 35
30 x 35
35 x 50
30 x 30
35 x 30
40 x 40
18 000
22 x 35
22 x 35
22 x 45
25 x 50
35 x 40
40 x 50
-
-
-
25 x 25
25 x 30
25 x 40
30 x 40
30 x 30
35 x 35
22 000
22 x 35
22 x 40
25 x 45
30 x 45
40 x 50
-
-
-
25 x 30
25 x 35
30 x 35
35 x 35
35 x 45
30 x 25
40 x 40
27 000
22 x 40
22 x 50
25 x 50
40 x 50
40 x 60
-
-
-
25 x 35
25 x 40
30 x 40
35 x 45
30 x 25
30 x 30
35 x 30
40 x 40
33 000
22 x 50
25 x 45
30 x 45
----
--
25 x 40
30 x 35
35 x 35
30 x 30
39 000
25 x 45
25 x 50
----
--
30 x 35
30 x 40
30 x 50
35 x 30
35 x 40
47 000
25 x 50
30 x 45
----
--
30 x 40
35 x 35
35 x 45
35 x 30
40 x 40
56 000
30 x 50
35 x 45
----
--
35 x 40
40 x 40
40 x 50
68 000
35 x 45
----
--
40 x 40
40 x 50
40 x 60
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10
162535506380
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com