Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-In
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 3 Page - Vishay Siliconix

  EYH_13 Datasheet HTML 1Page - Vishay Siliconix EYH_13 Datasheet HTML 2Page - Vishay Siliconix EYH_13 Datasheet HTML 3Page - Vishay Siliconix EYH_13 Datasheet HTML 4Page - Vishay Siliconix EYH_13 Datasheet HTML 5Page - Vishay Siliconix EYH_13 Datasheet HTML 6Page - Vishay Siliconix EYH_13 Datasheet HTML 7Page - Vishay Siliconix EYH_13 Datasheet HTML 8Page - Vishay Siliconix EYH_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EYH
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
3
Document Number: 25139
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
MAXIMUM SIZE
Ø Dmax. x Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
22 x 25
23 x 27
14
200
22 x 30
23 x 32
16
22 x 35
23 x 37
19
22 x 40
23 x 42
22
22 x 45
23 x 47
24
22 x 50
23 x 52
27
25 x 25
26.4 x 27
18
150
25 x 30
26.4 x 32
21
25 x 35
26.4 x 37
25
25 x 40
26.4 x 42
28
25 x 45
26.4 x 47
31
25 x 50
26.4 x 52
35
30 x 25
31 x 27
25
100
30 x 30
31 x 32
30
30 x 35
31 x 37
35
30 x 40
31 x 42
40
30 x 45
31 x 47
45
30 x 50
31 x 52
50
35 x 30
36 x 32
41
50
35 x 35
36 x 37
48
35 x 40
36 x 42
55
35 x 45
36 x 47
62
35 x 50
36 x 52
68
40 x 40
41 x 42
72
40 x 50
41 x 52
89
40 x 60
41 x 62
106
22.5
30°
Blank
30°
30°
PC board mounting holes
40 ± 1.0
10 ± 0.2
Pin length
4.0 ± 0.5
also available
0.8 ± 0.1
PC board mounting holes
Ø 2.0 ± 10
Insulation
Bottom safety vent
Blank
Lmax
1.5 ± 0.5
-
Ø D
≤ 35 mm
Ø D
= 40 mm
+
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com