Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-In
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 4 Page - Vishay Siliconix

  EYH_13 Datasheet HTML 1Page - Vishay Siliconix EYH_13 Datasheet HTML 2Page - Vishay Siliconix EYH_13 Datasheet HTML 3Page - Vishay Siliconix EYH_13 Datasheet HTML 4Page - Vishay Siliconix EYH_13 Datasheet HTML 5Page - Vishay Siliconix EYH_13 Datasheet HTML 6Page - Vishay Siliconix EYH_13 Datasheet HTML 7Page - Vishay Siliconix EYH_13 Datasheet HTML 8Page - Vishay Siliconix EYH_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EYH
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
4
Document Number: 25139
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values apply at
Tamb = 20 °C, P = 80 kPa to 120 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor EYH series
4700 μF/35 V; ± 20 %
Nominal case size: 22 mm x 35 mm
snap-in pin 4 mm, fully insulated
Ordering code: MALIEYH07LA447F42K
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 120 Hz
UR
Rated voltage
ESR
Max. equivalent series resistance at 120 Hz
IR
Rated RMS ripple current at 120 Hz, 105 °C
Tamb
Ambient temperature
RH
Relative humidity
PAmbient pressure
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
D x L
(mm)
IR
120 Hz
(A)
IL5
(μA)
ESR
120 Hz
MAX.
(
)
ORDERING CODE
6 mm PIN LENGTH
ORDERING CODE
4 mm PIN LENGTH
6.3
12 000
22 x 25
2.19
825
0.055
MALIEYH07LU512B02K
MALIEYH07LU512B42K
15 000
22 x 30
2.53
922
0.047
MALIEYH07LV515B02K
MALIEYH07LV515B42K
18 000
22 x 35
2.85
1010
0.041
MALIEYH07LA518B02K
MALIEYH07LA518B42K
18 000
25 x 25
2.77
1010
0.041
MALIEYH07AU518B02K
MALIEYH07AU518B42K
22 000
22 x 35
3.04
1117
0.036
MALIEYH07LA522B02K
MALIEYH07LA522B42K
22 000
25 x 30
3.15
1117
0.036
MALIEYH07AV522B02K
MALIEYH07AV522B42K
27 000
22 x 40
3.40
1237
0.032
MALIEYH07LB527B02K
MALIEYH07LB527B42K
27 000
25 x 35
3.53
1237
0.032
MALIEYH07AA527B02K
MALIEYH07AA527B42K
27 000
30 x 25
3.42
1237
0.032
MALIEYH07BU527B02K
MALIEYH07BU527B42K
33 000
22 x 50
3.92
1368
0.029
MALIEYH07LD533B02K
MALIEYH07LD533B42K
33 000
25 x 40
3.91
1368
0.029
MALIEYH07AB533B02K
MALIEYH07AB533B42K
33 000
30 x 30
3.83
1368
0.029
MALIEYH07BV533B02K
MALIEYH07BV533B42K
39 000
25 x 45
4.26
1487
0.026
MALIEYH07AC539B02K
MALIEYH07AC539B42K
39 000
30 x 35
4.20
1487
0.026
MALIEYH07BA539B02K
MALIEYH07BA539B42K
47 000
25 x 50
4.63
1632
0.024
MALIEYH07AD547B02K
MALIEYH07AD547B42K
47 000
30 x 40
4.60
1632
0.024
MALIEYH07BB547B02K
MALIEYH07BB547B42K
47 000
35 x 30
4.50
1632
0.024
MALIEYH07CV547B02K
MALIEYH07CV547B42K
56 000
30 x 50
5.17
1782
0.022
MALIEYH07BD556B02K
MALIEYH07BD556B42K
56 000
35 x 40
5.12
1782
0.022
MALIEYH07CB556B02K
MALIEYH07CB556B42K
68 000
35 x 45
5.52
1964
0.021
MALIEYH07CC568B02K
MALIEYH07CC568B42K
68 000
40 x 40
5.62
1964
0.021
MALIEYH07DB568B02K
MALIEYH07DB568B42K
10
10 000
22 x 25
2.17
949
0.066
MALIEYH07LU510C02K
MALIEYH07LU510C42K
12 000
22 x 30
2.48
1039
0.057
MALIEYH07LV512C02K
MALIEYH07LV512C42K
15 000
22 x 35
2.83
1162
0.049
MALIEYH07LA515C02K
MALIEYH07LA515C42K
15 000
25 x 25
2.75
1162
0.049
MALIEYH07AU515C02K
MALIEYH07AU515C42K
18 000
22 x 35
3.00
1273
0.043
MALIEYH07LA518C02K
MALIEYH07LA518C42K
18 000
25 x 30
3.11
1273
0.043
MALIEYH07AV518C02K
MALIEYH07AV518C42K
22 000
22 x 40
3.35
1407
0.037
MALIEYH07LB522C02K
MALIEYH07LB522C42K
22 000
25 x 35
3.48
1407
0.037
MALIEYH07AA522C02K
MALIEYH07AA522C42K
22 000
30 x 25
3.38
1407
0.037
MALIEYH07BU522C02K
MALIEYH07BU522C42K
27 000
22 x 50
3.88
1559
0.033
MALIEYH07LD527C02K
MALIEYH07LD527C42K
27 000
25 x 40
3.87
1559
0.033
MALIEYH07AB527C02K
MALIEYH07AB527C42K
27 000
30 x 30
3.79
1559
0.033
MALIEYH07BV527C02K
MALIEYH07BV527C42K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com