Electronic Components Datasheet Search
  English  ▼

X  

ACS710 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS710
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS710 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS710 Datasheet HTML 3Page - Allegro MicroSystems ACS710 Datasheet HTML 4Page - Allegro MicroSystems ACS710 Datasheet HTML 5Page - Allegro MicroSystems ACS710 Datasheet HTML 6Page - Allegro MicroSystems ACS710 Datasheet HTML 7Page - Allegro MicroSystems ACS710 Datasheet HTML 8Page - Allegro MicroSystems ACS710 Datasheet HTML 9Page - Allegro MicroSystems ACS710 Datasheet HTML 10Page - Allegro MicroSystems ACS710 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
ACS710
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS (continued) Valid at TA = –40°C to 125°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
OVERCURRENT CHARACTERISTICS (continued)
Fault Enable (FAULT_EN Pin) Delay8
tFED
Set FAULT_EN to low, VOC = 0.25 × VCC,
COC = 0 F; then run a DC IP exceeding the
corresponding overcurrent threshold; then
reset FAULT_EN from low to high and
measure the delay from the rising edge of
FAULT_EN to the falling edge of ¯F¯¯A¯U¯¯L¯¯T¯
–15
–
μs
Fault Enable (FAULT_EN Pin) Delay
(Non-Latching versions)9
tFED(NL)
Set FAULT_EN to low, VOC = 0.25 × VCC,
COC = 0 F; then run a DC IP exceeding the
corresponding overcurrent threshold; then
reset FAULT_EN from low to high and
measure the delay from the rising edge of
FAULT_EN to the falling edge of ¯F¯¯A¯U¯¯L¯¯T¯
–
150
–
ns
Overcurrent Fault Response Time
tOC
FAULT_EN set to high for a minimum
of 20 μs before the overcurrent event;
switchpoint set at VOC = 0.25 × VCC;
delay from IP exceeding overcurrent
fault threshold to V¯F¯¯A¯U¯¯L¯¯T¯ < 0.4 V, without
external COC capacitor
–
1.9
–
μs
Undercurrent Fault Response Time
(Non-Latching versions)
tUC
FAULT_EN set to high for a minimum
of 20 μs before the undercurrent event;
switchpoint set at VOC = 0.25 × VCC; delay
from IP falling below the overcurrent fault
threshold to V¯F¯¯A¯U¯¯L¯¯T¯ > 0.8 × VCC, without
external COC capacitor, RPU = 330 kΩ
–3
–
μs
Overcurrent Fault Reset Delay
tOCR
Time from VFAULTEN < VIL to
V¯F¯¯A¯U¯¯L¯¯T¯ > 0.8 × VCC , RPU = 330 kΩ
–
500
–
ns
Overcurrent Fault Reset Hold Time
tOCH
Time from VFAULTEN <VIL to rising edge of
V¯F¯¯A¯U¯¯L¯¯T¯
–
250
–
ns
Overcurrent Input Pin Resistance
ROC
TA = 25°C, VOC pin to GND
2
–
–
MΩ
VOLTAGE REFERENCE CHARACTERISTICS
Voltage Reference Output
VZCR
TA = 25 °C
(Not a highly accurate reference)
0.48 x VCC
0.5 × VCC 0.51xVCC
V
Voltage Reference Output Load Current
IZCR
Source current
3
–
–
mA
Sink current
50
–
–
μA
Voltage Reference Output Drift
∆VZCR
–
±10
–
mV
1Devices are programmed for maximum accuracy at VCC = 5 V. The device contains ratiometry circuits that accurately alter the 0 A Output Voltage and
Sensitivity level of the device in proportion to the applied VCC level. However, as a result of minor nonlinearities in the ratiometry circuit, additional output
error will result when VCC varies from the VCC level at which the device was programmed. Customers that plan to operate the device at a VCC level other
than the VCC level at which the device was programmed should contact their local Allegro sales representative regarding expected device accuracy levels
under these bias conditions.
2RF(INT) forms an RC circuit via the FILTER pin.
3This parameter can drift by as much as 0.8% over the lifetime of this product.
4This parameter can drift by as much as 1% over the lifetime of this product.
5See page 8 on how to set overcurrent fault switchpoint.
6Switchpoint can be lower at the expense of switchpoint accuracy.
7This error specification does not include the effect of noise. See the INCOMP specification in order to factor in the additional influence of noise on the
fault switchpoint.
8Fault Enable Delay is designed to avoid false tripping of an Overcurrent (OC) fault at power-up. A 15 μs (typical) delay will always be needed, every
time FAULT_EN is raised from low to high, before the device is ready for responding to any overcurrent event.
9During power-up, this delay is 15 μs in order to avoid false tripping of an Overcurrent (OC) fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com