Electronic Components Datasheet Search
  English  ▼

X  

ACS710 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS710
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS710 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS710 Datasheet HTML 1Page - Allegro MicroSystems ACS710 Datasheet HTML 2Page - Allegro MicroSystems ACS710 Datasheet HTML 3Page - Allegro MicroSystems ACS710 Datasheet HTML 4Page - Allegro MicroSystems ACS710 Datasheet HTML 5Page - Allegro MicroSystems ACS710 Datasheet HTML 6Page - Allegro MicroSystems ACS710 Datasheet HTML 7Page - Allegro MicroSystems ACS710 Datasheet HTML 8Page - Allegro MicroSystems ACS710 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
ACS710
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
8V
Filter Pin
VFILTER
8V
Analog Output Pin
VIOUT
32
V
Overcurrent Input Pin
VOC
8V
Overcurrent ¯F¯¯A¯U¯¯L¯¯T¯ Pin
V¯F¯¯A¯U¯¯L¯¯T¯
8V
Fault Enable (FAULT_EN) Pin
VFAULTEN
8V
Voltage Reference Output Pin
VZCR
8V
DC Reverse Voltage: VCC, FILTER, VIOUT, VOC,
¯F¯¯A¯U¯¯L¯¯T¯, FAULT_EN, and VZCR Pins
VRdcx
–0.5
V
Excess to Supply Voltage: FILTER, VIOUT, VOC,
¯F¯¯A¯U¯¯L¯¯T¯, FAULT_EN, and VZCR Pins
VEX
Voltage by which pin voltage can exceed the VCC pin
voltage
0.3
V
Output Current Source
IIOUT(Source)
3mA
Output Current Sink
IIOUT(Sink)
1mA
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value
Unit
Package Thermal Resistance
RθJA
When mounted on Allegro demo board with 1332 mm2 (654 mm2 on com-
ponent side and 678 mm2 on opposite side) of 2 oz. copper connected to
the primary leadframe and with thermal vias connecting the copper layers.
Performance is based on current flowing through the primary leadframe and
includes the power consumed by the PCB.
17
ºC/W
Isolation Characteristics
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage*
VISO
Agency type-tested for 60 seconds per
UL standard 1577
3000
VAC
Working Voltage for Basic Isolation
VWFSI
For basic (single) isolation per UL standard 1577;
for higher continuous voltage ratings, please contact
Allegro
277
VAC
* Allegro does not conduct 60-second testing. It is done only during the UL certification process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com