Electronic Components Datasheet Search
  English  ▼

X  

ACS710 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ACS710
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS710 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ACS710 Datasheet HTML 4Page - Allegro MicroSystems ACS710 Datasheet HTML 5Page - Allegro MicroSystems ACS710 Datasheet HTML 6Page - Allegro MicroSystems ACS710 Datasheet HTML 7Page - Allegro MicroSystems ACS710 Datasheet HTML 8Page - Allegro MicroSystems ACS710 Datasheet HTML 9Page - Allegro MicroSystems ACS710 Datasheet HTML 10Page - Allegro MicroSystems ACS710 Datasheet HTML 11Page - Allegro MicroSystems ACS710 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
ACS710
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X12CB CHARACTERISTICS
Optimized Accuracy Range1
IPOA
–12.5
–
12.5
A
Linear Sensing Range
IR
–37.5
–
37.5
A
Noise2
VNOISE(rms) TA = 25°C, Sens = 56 mV/A, Cf = 0, CLOAD = 4.7 nF, RLOAD open
–
1.50
–
mV
Sensitivity3
Sens
IP = 12.5 A, TA = 25°C
–
56
–
mV/A
IP = 12.5 A, TA = 25°C to 125°C
–
56
–
mV/A
IP = 12.5 A, TA = –40°C to 25°C
–
57
–
mV/A
Electrical Offset Voltage
Variation Relative to
VOUT(QBI)4
VOE
IP = 0 A, TA = 25°C
–
±4
–
mV
IP = 0 A, TA = 25°C to 125°C
–
±14
–
mV
IP = 0 A, TA = –40°C to 25°C
–
±23
–
mV
Total Output Error5
ETOT
Over full scale of IPOA, IP applied for 5 ms, TA = 25°C to 125°C
–
±2.2
–
%
Over full scale of IPOA, IP applied for 5 ms, TA = –40°C to 25°C
–
±3.9
–
%
PERFORMANCE CHARACTERISTICS, TA Range K, valid at TA = –40°C to 125°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
X6BB CHARACTERISTICS
Optimized Accuracy Range1
IPOA
–7.5
–
7.5
A
Linear Sensing Range
IR
–14
–
14
A
Noise2
VNOISE(rms) TA = 25°C, Sens = 100 mV/A, Cf = 0, CLOAD = 4.7 nF, RLOAD open
–
4.05
–
mV
Sensitivity3
Sens
IP = 6.5 A, TA = 25°C
–
151
–
mV/A
IP = 6.5 A, TA = 25°C to 125°C
–
151
–
mV/A
IP = 6.5 A, TA = –40°C to 25°C
–
152
–
mV/A
Electrical Offset Voltage
Variation Relative to
VOUT(QBI)4
VOE
IP = 0 A, TA = 25°C
–
±10
–
mV
IP = 0 A, TA = 25°C to 125°C
–
±11
–
mV
IP = 0 A, TA = –40°C to 25°C
–
±40
–
mV
Total Output Error5
ETOT
Over full scale of IPOA, IP applied for 5 ms, TA = 25°C to 125°C
–
±1.6
–
%
Over full scale of IPOA, IP applied for 5 ms, TA = –40°C to 25°C
–
±5.6
–
%
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com