Electronic Components Datasheet Search
  English  ▼

X  

ADF4159CCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 26Page - Analog Devices ADF4159CCPZ Datasheet HTML 27Page - Analog Devices ADF4159CCPZ Datasheet HTML 28Page - Analog Devices ADF4159CCPZ Datasheet HTML 29Page - Analog Devices ADF4159CCPZ Datasheet HTML 30Page - Analog Devices ADF4159CCPZ Datasheet HTML 31Page - Analog Devices ADF4159CCPZ Datasheet HTML 32Page - Analog Devices ADF4159CCPZ Datasheet HTML 33Page - Analog Devices ADF4159CCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADF4159
Data Sheet
Rev. B | Page 30 of 36
Example
This example describes how to set up and use the parabolic ramp
mode with the following parameters:
•
fOUT = 5790 MHz
•
fDEV = 100 kHz
•
Number of steps = 50
•
Duration of a single step = 10 µs
To set up the parabolic ramp mode, follow these steps:
1. Configure one of the following ramp modes:
•
Continuous triangular ramp (set Register R3,
Bits DB[11:10] to 01).
•
Single ramp burst (set Register R3, Bits DB[11:10]
to 11).
For the continuous triangular ramp, the generated frequency
range is calculated as follows:
Δf = fDEV × (Number of Steps + 2) × (Number of Steps + 1)/2
= 132.6 MHz
For the single ramp burst, the generated frequency range is
calculated as follows:
Δf = fDEV × (Number of Steps + 1) × Number of Steps/2
= 127.5 MHz
2. Set the timer as described for the linear ramps in the
Timeout Interval section.
3. Activate the parabolic ramp by setting Bit DB28 in
Register R5 to 1.
4. Set the counter reset (Bit DB3 in Register R3) to 1 and then
set it to 0.
To activate the ramp, see the Activating the Ramp section.
Fast Ramp Mode
The ADF4159 is capable of generating a fast ramp. The fast ramp
is a triangular ramp with two different slopes (see Figure 47).
The number of steps, time per step, and deviation per step are
programmable for both the up and down ramps.
TIME
Figure 47. Fast Ramp Mode
To activate the fast ramp waveform, follow these steps:
1. Select the continuous triangular waveform by setting
Bits DB[11:10] in Register R3 to 01.
2. Enable the fast ramp by setting Bit DB19 in Register R7 to 1.
3. Program the up ramp as follows.
a. Set Bit DB6 in Register R4 (CLK DIV SEL), Bit DB23
in Register R5 (DEV SEL), and Bit DB23 in Register R6
(STEP SEL) to 0 for Ramp 1.
b. Calculate and program the timer, DEV, DEV_OFFSET,
and the step word as described in the FMCW Radar
Ramp Settings Worked Example section.
4. Program the down ramp as follows.
a. Set Bit DB6 in Register R4 (CLK DIV SEL), Bit DB23
in Register R5 (DEV SEL), and Bit DB23 in Register R6
(STEP SEL) to 1 for Ramp 2.
b. Calculate and program the timer, DEV, DEV_OFFSET,
and the step word as described in the FMCW Radar
Ramp Settings Worked Example section.
5. Start the ramp by setting Bit DB31 = 1 in Register R0.
Note that the total frequency change of the up and down ramps
must be equal for stability.
RAMP COMPLETE SIGNAL TO MUXOUT
Figure 48 shows the ramp complete signal on MUXOUT.
TIME
TIME
Figure 48. Ramp Complete Signal on MUXOUT
To activate this function, set Bits DB[30:27] in Register R0
to 1111, and set Bits DB[25:21] in Register R4 to 00011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com