Electronic Components Datasheet Search
  English  ▼

X  

ADF4159CCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 10Page - Analog Devices ADF4159CCPZ Datasheet HTML 11Page - Analog Devices ADF4159CCPZ Datasheet HTML 12Page - Analog Devices ADF4159CCPZ Datasheet HTML 13Page - Analog Devices ADF4159CCPZ Datasheet HTML 14Page - Analog Devices ADF4159CCPZ Datasheet HTML 15Page - Analog Devices ADF4159CCPZ Datasheet HTML 16Page - Analog Devices ADF4159CCPZ Datasheet HTML 17Page - Analog Devices ADF4159CCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADF4159
Data Sheet
Rev. B | Page 14 of 36
FRAC/INT REGISTER (R0) MAP
When Bits DB[2:0] are set to 000, the on-chip FRAC/INT
register (Register R0) is programmed (see Figure 25).
Ramp On
When Bit DB31 is set to 1, the ramp function is enabled. When
Bit DB31 is set to 0, the ramp function is disabled.
MUXOUT Control
The on-chip multiplexer of the ADF4159 is controlled by
Bits DB[30:27]. See Figure 25 for the truth table.
12-Bit Integer Value (INT)
Bits DB[26:15] set the INT value, which forms part of the overall
feedback division factor. For more information, see the INT, FRAC,
and R Counter Relationship section.
12-Bit MSB Fractional Value (FRAC)
Bits DB[14:3], along with Bits DB[27:15] in the LSB FRAC register
(Register R1), set the FRAC value that is loaded into the fractional
interpolator. The FRAC value forms part of the overall feedback
division factor. These 12 bits are the most significant bits (MSBs)
of the 25-bit FRAC value; Bits DB[27:15] in the LSB FRAC register
(Register R1) are the least significant bits (LSBs). For more infor-
mation, see the RF Synthesizer Worked Example section.
DB31
CONTROL
BITS
12-BIT MSB FRACTIONAL VALUE
(FRAC)
12-BIT INTEGER VALUE (INT)
MUXOUT
CONTROL
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R1
M4
M3
M2
M1
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
F25
F24
F23
F22
F21
F20
F19
F18
F17
F16
F15
F14 C3(0) C2(0) C1(0)
M4 M3 M2
M1
OUTPUT
0
0
0
0
THREE-STATE OUTPUT
0
0
0
1
DVDD
0
0
1
0
DGND
0
0
1
1
R DIVIDER OUTPUT
0
1
0
0
N DIVIDER OUTPUT
0
1
0
1
RESERVED
0
1
1
0
DIGITAL LOCK DETECT
0
1
1
1
SERIAL DATA OUTPUT
1
0
0
0
RESERVED
1
0
0
1
RESERVED
1
0
1
0
CLK DIVIDER OUTPUT
1
0
1
1
RESERVED
1
1
0
0
RESERVED
1
1
0
1
R DIVIDER/2
1
1
1
0
N DIVIDER/2
1
1
1
1
READBACK TO MUXOUT
R1 RAMP ON
0
RAMP DISABLED
RAMP ENABLED
1
F25
F24
...
F15
F14
MSB FRACTIONAL VALUE
(FRAC)*
0
1
2
3
.
.
.
4092
4093
4094
4095
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
0
0
1
1
.
.
.
0
0
1
1
0
1
0
1
.
.
.
0
1
0
1
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
INTEGER VALUE (INT)
0
0
0
0
0
0
0
1
0
1
1
1
23
0
0
0
0
0
0
0
1
1
0
0
0
24
0
0
0
0
0
0
0
1
1
0
0
1
25
0
0
0
0
0
0
0
1
1
0
1
0
26
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
1
1
1
1
1
1
1
1
0
1
4093
1
1
1
1
1
1
1
1
1
1
1
0
4094
1
1
1
1
1
1
1
1
1
1
1
1
4095
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER R0 AND THE 13-BIT LSB STORED IN REGISTER R1.
FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
Figure 25. FRAC/INT Register (R0) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com