Electronic Components Datasheet Search
  English  ▼

X  

ADF4159CCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 5Page - Analog Devices ADF4159CCPZ Datasheet HTML 6Page - Analog Devices ADF4159CCPZ Datasheet HTML 7Page - Analog Devices ADF4159CCPZ Datasheet HTML 8Page - Analog Devices ADF4159CCPZ Datasheet HTML 9Page - Analog Devices ADF4159CCPZ Datasheet HTML 10Page - Analog Devices ADF4159CCPZ Datasheet HTML 11Page - Analog Devices ADF4159CCPZ Datasheet HTML 12Page - Analog Devices ADF4159CCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADF4159
Rev. B | Page 9 of 36
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
50
100
150
200
TIME (µs)
Figure 12. Fast Ramp (Triangle Ramp with Different Slopes), fPFD = 100 MHz,
ICP = 2.5 mA, Loop Bandwidth = 250 kHz, CLK1 = 3; Up Ramp: CLK2 = 26,
DEV = 1024, DEV_OFFSET = 8, Number of Steps = 64; Down Ramp: CLK2 = 70,
DEV = 16,384, DEV_OFFSET = 8, Number of Steps = 4
–200
–150
–100
–50
0
50
100
150
200
0
50
100
150
200
TIME (µs)
Figure 13. Phase Shift Keying (PSK), Loop Bandwidth = 250 kHz,
Phase Value = 1024, Data Rate = 20 kHz
11.996
11.997
11.998
11.999
12.000
12.001
12.002
12.003
12.004
0
50
100
150
200
TIME (µs)
Figure 14. Frequency Shift Keying (FSK), Loop Bandwidth = 250 kHz,
DEV = 1049, DEV_OFFSET = 9, Data Rate = 20 kHz
11.994
11.996
11.998
12.000
12.002
12.004
12.006
12.008
12.010
12.012
12.014
0
100
200
300
400
500
TIME (µs)
Figure 15. FSK Ramp, fPFD = 100 MHz, ICP = 2.5 mA, Loop Bandwidth = 250 kHz,
CLK1 = 3, CLK2 = 26, DEV = 1024, DEV_OFFSET = 8, Number of Steps = 64;
FSK: DEV = −512, DEV_OFFSET = 8
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
FREQUENCY (GHz)
PRESCALER 8/9
PRESCALER 4/5
Figure 16. RFIN Sensitivity at Nominal Temperature
–6
–4
–2
0
2
4
6
0
0.5
1.0
1.5
2.0
2.5
3.0
VCP (V)
Figure 17. Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com