Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 2 Page - Texas Instruments

  ISO1540 Datasheet HTML 1Page - Texas Instruments ISO1540 Datasheet HTML 2Page - Texas Instruments ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISO1540
ISO1541
SLLSEB6B – JULY 2012 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
ISO1540 and
I / O
DESCRIPTION
ISO1541
NAME
PIN
ISO1540
ISO1541
ISO1540
ISO1541
VCC1
1
-
-
Supply Voltage, Side 1
Supply Voltage, Side 1
SDA1
2
I / O
I / O
Serial Data, Side 1 Input/Output
Serial Data, Side 1 Input/Output
SCL1
3
I / O
I
Serial Clock Input/Output, Side 1 Serial Clock Input, Side 1
GND1
4
-
-
Ground, Side 1
Ground, Side 1
GND2
5
-
-
Ground, Side 2
Ground, Side 2
SCL2
6
I / O
O
Serial Clock Input/Output, Side 2 Serial Clock Output, Side 2
SDA2
7
I / O
I / O
Serial Data Input/Output, Side 2
Serial Data Input/Output, Side 2
VCC2
8
-
-
Supply Voltage, Side 2
Supply Voltage, Side 2
AVAILABLE OPTIONS
PRODUCT
RATED ISOLATION
PACKAGE
CHANNEL DIRECTION
MARKED AS
ORDERING NUMBER
ISO1540D (rail)
Both SDA and SCL
ISO1540
IS1540
are Bidirectional
ISO1540DR (reel)
4000-VPK and
D-8
2500-VRMS
(1)
ISO1541D (rail)
SDA is Bidirectional
ISO1541
IS1541
SCL is Unidirectional
ISO1541DR (reel)
(1)
See the Regulatory Information table for detailed Isolation specifications.
Table 1. FUNCTION TABLE(1)
POWER STATE
INPUT
OUTPUT
VCC1 or VCC2 < 2.1 V
X
Z
VCC1 and VCC2 > 2.8 V
L
L
VCC1 and VCC2 > 2.8 V
H
Z
VCC1 and VCC2 > 2.8 V
Z(2)
?
(1)
H = High Level; L = Low Level; Z = High Impedance or Float; X = Irrelevant; ? = Indeterminate
(2)
Invalid input condition as an I2C system requires that a pull-up resistor to VCC is connected.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com