Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments ISO1540 Datasheet HTML 13Page - Texas Instruments ISO1540 Datasheet HTML 14Page - Texas Instruments ISO1540 Datasheet HTML 15Page - Texas Instruments ISO1540 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
VOL1
VIHT1
SDA1
SDA2
SDA2
SDA1
transmit
delay
transmit
delay
receive
delay
VIHT2
50%
50%
30%
30%
receive
delay
receive
delay
VCC1
VCC1
VCC2
VCC2
VCC1
VCC1
VCC2
VCC2
ISO1540
ISO1541
SLLSEB6B – JULY 2012 – REVISED MAY 2013
www.ti.com
Figure 10 demonstrate the switching behavior of the I2C isolator, ISO1540, between a master node at SDA1 and
a heavy loaded bus at SDA2
Figure 10. SDA Channel Timing in Receive and Transmit Directions
Receive Direction (left diagram)
When the I2C bus drives SDA2 low, SDA1 follows after a certain delay in the receive path. Its output low will be
the buffered output of VOL1 = 0.75 V, which is sufficiently low to be detected by Schmitt-trigger inputs with a
minimum input-low voltage of VIL = 0.9 V at 3 V supply levels.
Once SDA2 is released, its voltage potential increases towards VCC2 following the time-constant formed by RPU2
and Cbus. After the receive delay, SDA1 is released and also rises towards VCC1, following the time-constant
RPU1 x Cnode. Because of the significant lower time-constant, SDA1 may reach VCC1 before SDA2 reaches
VCC2 potential.
Transmit Direction (right diagram)
When a master drives SDA1 low, SDA2 follows after a certain delay in the transmit direction. When SDA2 turns
low it also causes the output of buffer B to turn low but at a higher 0.75 V level. This level cannot be observed
immediately as it is overwritten by the master’s lower low-level.
However, when the master releases SDA1, its voltage potential increases and first must pass the upper input
threshold of the comparator, VIHT1, to release SDA2. SDA1 then increases further until it reaches the buffered
output level of VOL1 = 0.75 V, maintained by the receive path. Once comparator C turns high, SDA2 is released
after the delay in transmit direction. It takes another receive delay until B’s output turns high and fully releases
SDA1 to move towards VCC1 potential.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com