Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 3 Page - Texas Instruments

  ISO1540 Datasheet HTML 1Page - Texas Instruments ISO1540 Datasheet HTML 2Page - Texas Instruments ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISO1540
ISO1541
www.ti.com
SLLSEB6B – JULY 2012 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUES
UNIT
MIN
MAX
VCC1, VCC2
–0.5
6
V
Supply voltage
SDA1, SCL1
–0.5
VCC1 + 0.5
V
SDA2, SCL2
–0.5
VCC2 + 0.5
V
SDA1, SCL1
±20
mA
Output current
SDA2, SCL2
±100
mA
Bus Pins
±8
kV
Human Body Model
ESDA, JEDEC JS-001-2012
All Pins
±4
Electrostatic
Field-Induced-Charged
Discharge
JEDEC JESD22-C101E
±1.5
kV
Device Model
All Pins
Machine Model
JEDEC JESD22-A115-A
±200
V
TJ(MAX)
Maximum junction temperature
150
°C
TSTG
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under RECOMMENDED
OPERATING CONDITIONS is not implied. Exposure to absolute-maximum-rated conditions for extended periods affects device
reliability.
(2)
All voltage values here within are with respect to the local ground terminal (GND1 or GND2) and are peak voltage values.
THERMAL INFORMATION
ISO1540
ISO1541
THERMAL METRIC(1)
UNITS
D (8 PINS)
θJA
Junction-to-ambient thermal resistance
114.6
θJCtop
Junction-to-case (top) thermal resistance
69.6
θJB
Junction-to-board thermal resistance
55.3
°C/W
ψJT
Junction-to-top characterization parameter
27.2
ψJB
Junction-to-board characterization parameter
54.7
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply Voltage
3
5.5
VSDA1, VSCL1
Input/Output Signal Voltages, Side 1
0
VCC1
VSDA2, VSCL2
Input/Output Signal Voltages, Side 2
0
VCC2
VIL1
Low-Level Input Voltage, Side 1
0
0.5
V
VIH1
High-Level Input Voltage, Side 1
0.7 x VCC1
VCC1
VIL2
Low-Level Input Voltage, Side 2
0
0.3 x VCC2
VIH2
High-Level Input Voltage, Side 2
0.7 x VCC2
VCC2
IOL1
Output Current, Side 1
0.5
3.5
mA
IOL2
Output Current, Side 2
0.5
35
Cb1
Maximum Capacitive Load, Side 1
40
pF
Cb2
Maximum Capacitive Load, Side 2
400
fMAX
Maximum Operating Frequency
(1)
1
MHz
TA
Ambient Temperature
–40
125
°C
TJ
Junction Temperature
–40
136
°C
TSD
Thermal Shutdown
139
171
°C
(1)
This represents the maximum frequency with the maximum bus load (Cb) and the maximum current sink (IO). If the system has less bus
capacitance, then higher frequencies can be achieved.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com