Electronic Components Datasheet Search
  English  ▼

X  

PAM2307 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2307
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2307 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2307 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAM2307
3A Low Noise Step-Down DC-DC Converter
6
www.poweranalog.com
,
Power Analog Microelectronics Inc
0.584
0.586
0.588
0.590
0.592
0.594
0.596
0.598
0.600
0.602
2
3
4
5
6
Input Voltage
I =100mA
I =600mA
I =800mA
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0
50
100
150
Temperature(℃)
Reference Voltage VS Load Current
0.58
0.584
0.588
0.592
0.596
0.6
0.604
0
200
400
600
800
Load Current
Vin=2.7V
Vin=3.6V
Vin=4.2V
Output Voltage VS Load Current
Vin=3.6V
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
0
500
1000
1500
2000
2500
3000
Load Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5V
Reference Voltage VS Input Voltage
Reference Voltage VS Temperature
Vo=3.3V
Rdson VS Input Voltage
0
0.04
0.08
0.12
0.16
0.2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
PMOS
NMOS
0
10
20
30
40
50
60
40
60
80
100
120
140
Temperature(℃)
Dynamic Supply Current VS Temperature
Vo=1.2V
Vin=3.6V
ILoad=0A
Typical Performance Characteristics
°C
T =25
, C =22*2uF,Co=22 F unless otherwise noted.
A
IN
μ
03/2011 Rev2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com