Electronic Components Datasheet Search
  English  ▼

X  

PAM2307 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2307
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2307 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2307 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PAM2307
3A Low Noise Step-Down DC-DC Converter
For the condition where the step-down converter
is in dropout at 100% duty cycle, the total device
dis sipation reduces to:
Since R
, quiescent current, and switching
losses all vary with input voltage, the total losses
should be investigated over the complete input
voltage range. The maximum power dissipation
d e p e n d s o n t h e t h e r m a l r e si st a n c e o f I C
package, PCB layout, the rate of surrounding
airflow and temperature difference between
junction and ambient. The maximum power
dissipation can be calculated by the following
formula:
Where TJ(ma x) is the m aximu m allo wable
junction temperature 125°C.T
is the ambient
temperature and
is the thermal resistance
from the junction to the ambient. Based on the
standard JEDEC for a two layers thermal test
board, the thermal resistance
of QFN3X3
68°C/W and SOP-8(EP) 90°C/W respectively.
The maximum power dissipation at T = 25°C can
be calculated by following formula:
P =(125°C-25°C)/68°C/W=1.47W(QFN3X3)
P =(125°C-25°C)/90°C/W=1.11W(SOP-8)
The inter nal reference is 0.6V (Typical). The
output voltage is calculated as below:
The output voltage is given by Table 1.
Resistor selection for output voltage
setting
As the input voltage approaches the output
voltage, the converter turns the P-chan nel
transistor continuously on. In this mode the
output voltage is equal to the input voltage minus
th e vo lt a g e d ro p a c ro s s t h e P - c h a n n e l
transistor:
V
= V –I
(R
+ R )
where R
= P-channel switch ON resistance,
I
= O u t p u t c u rr e n t , R
= I n d u c t o r D C
resistance
The reference and the circuit remain reset until
the VIN crosses its UVLO threshold.
The PAM2307 has an internal soft-start circuit
that limits the in-rush current during start-up.
This prevents possible voltage drops of the input
volt ag e an d elim ina t es t he o ut p ut volt a ge
overshoot. The soft-start acts as a digital circuit
to increase the switch current in several steps to
the P-channel current limit (1500mA).
The switch peak current is limited cycle-by-cycle
to a typical value of 1500mA. In the event of an
output voltage short circuit, the device operates
with a frequency of 400kHz and minimum duty
cycle, therefore the average input current is
typically 200mA.
When the die temperature exceeds 150°C, a
reset occurs and the reset remains until the
temperature decrease to 120°C, at which time
the circuit can be restarted.
DS(ON)
A
JA
JA
A
D
D
OUT
IN
LOAD
dson
L
dson
L O A D
L
θ
θ
Setting the Output Voltage
Table 1:
100% Duty Cycle Operation
UVLO and Soft-Start
Short Circuit Protection
Thermal Shutdown
O
R1
V =0.6×1+
R2
Vo
R1
R2
1.2V
100k
100k
1.5V
150k
100k
1.8V
200k
100k
2.5V
380k
120k
3.3V
540k
120k
2
D
O
DSON H
Q
IN
P =I R
+I V
J(MAX)
A
D
JA
T
-T
P =
θ
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
03/2011 Rev2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com